Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2280 Datasheet(PDF) 9 Page - SpectraLinear Inc

Part # CY2280
Description  100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY2280 Datasheet(HTML) 9 Page - SpectraLinear Inc

Back Button CY2280 Datasheet HTML 3Page - SpectraLinear Inc CY2280 Datasheet HTML 4Page - SpectraLinear Inc CY2280 Datasheet HTML 5Page - SpectraLinear Inc CY2280 Datasheet HTML 6Page - SpectraLinear Inc CY2280 Datasheet HTML 7Page - SpectraLinear Inc CY2280 Datasheet HTML 8Page - SpectraLinear Inc CY2280 Datasheet HTML 9Page - SpectraLinear Inc CY2280 Datasheet HTML 10Page - SpectraLinear Inc CY2280 Datasheet HTML 11Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CY2280
Rev 1.0, November 25, 2006
Page 9 of 11
Application Information
Clock traces must be terminated with either series or parallel termination, as is normally done.
Application Circuit
Summary
• A parallel-resonant crystal should be used as the reference to the clock generator. The operating frequency and CLOAD of
this crystal should be as specified in the data sheet. Optional trimming capacitors may be needed if a crystal with a different
CLOAD is used. Footprints must be laid out for flexibility.
• Surface mount, low-ESR, ceramic capacitors should be used for filtering. Typically, these capacitors have a value of 0.1 F.
In some cases, smaller value capacitors may be required.
• The value of the series terminating resistor satisfies the following equation, where Rtrace is the loaded characteristic
impedance of the trace, Rout is the output impedance of the clock generator (specified in the data sheet), and Rseries is the
series terminating resistor.
Rseries > Rtrace – Rout
• Footprints must be laid out for optional EMI-reducing capacitors, which should be placed as close to the terminating resistor
as is physically possible. Typical values of these capacitors range from 4.7 pF to 22 pF.
• A Ferrite Bead may be used to isolate the Board VDD from the clock generator VDD island. Ensure that the Ferrite Bead offers
greater than 50
impedance at the clock frequency, under loaded DC conditions. Please refer to the application note “Layout
and Termination Techniques for Cypress Clock Generators” for more details.
• If a Ferrite Bead is used, a 10 F–22 F tantalum bypass capacitor should be placed close to the Ferrite Bead. This capacitor
prevents power supply droop during current surges.


Similar Part No. - CY2280

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
   100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
547Kb / 10P
   Universal Programmable Clock Generator (UPCG)
CY22800-001A CYPRESS-CY22800-001A Datasheet
547Kb / 10P
   Universal Programmable Clock Generator (UPCG)
CY22800-002A CYPRESS-CY22800-002A Datasheet
547Kb / 10P
   Universal Programmable Clock Generator (UPCG)
More results

Similar Description - CY2280

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
   100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
CY2285 CYPRESS-CY2285 Datasheet
123Kb / 9P
   100-MHz Pentium짰II Clock Synthesizer/Driver with Spread Spectrum for Mobile PCs
logo
Pericom Semiconductor C...
PI6C104 PERICOM-PI6C104 Datasheet
560Kb / 14P
   Spread Spectrum Clock Synthesizer for Desktop Pentium II
logo
SpectraLinear Inc
CY2277A SPECTRALINEAR-CY2277A Datasheet
293Kb / 18P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop/ Mobile PCs with Intel짰 82430TX and 2 DIMMs or 3 SO-DIMMs
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Pericom Semiconductor C...
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
logo
Cypress Semiconductor
W254B CYPRESS-W254B Datasheet
254Kb / 17P
   133-MHz Spread Spectrum FTG for Mobile Pentium짰 III Platforms
logo
Renesas Technology Corp
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
logo
Cypress Semiconductor
CY2287 CYPRESS-CY2287 Datasheet
148Kb / 13P
   100-MHz Spread Spectrum Clock Synthesizer/Driver with USB, Hublink, and SDRAM Support
logo
Silicon Laboratories
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com