Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB750SOT343-BG Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part # EB750SOT343-BG
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

EB750SOT343-BG Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  EB750SOT343-BG Datasheet HTML 1Page - Filtronic Compound Semiconductors EB750SOT343-BG Datasheet HTML 2Page - Filtronic Compound Semiconductors EB750SOT343-BG Datasheet HTML 3Page - Filtronic Compound Semiconductors EB750SOT343-BG Datasheet HTML 4Page - Filtronic Compound Semiconductors EB750SOT343-BG Datasheet HTML 5Page - Filtronic Compound Semiconductors EB750SOT343-BG Datasheet HTML 6Page - Filtronic Compound Semiconductors EB750SOT343-BG Datasheet HTML 7Page - Filtronic Compound Semiconductors EB750SOT343-BG Datasheet HTML 8Page - Filtronic Compound Semiconductors EB750SOT343-BG Datasheet HTML 9Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
4
Datasheet v3.0
FPD750SOT343
TYPICAL RF PERFORMANCE
@ 1.85 GHZ:
OISE
ARAMETERS
IDS=40mA
Biased at VDS=3.3V, IDS=80mA
NOTE: Typical intermodulation performance is shown above. The data is taken with the device mounted on
N
P
:
evaluation board tuned at 1.85GHz for low noise and gain as shown in the reference design given on page 6.
The FPD750SOT343 has enhanced Intermodulation performance with an OIP3 value of up to P1dB+16dBm.
This effect can be seen when the device is biased at ID=80mA by the bough in the 3rd order product plot line .
Biased at VDS=3.3V,
Typical Intermodulation Performance
VDS = 3.3VIDS = 40mAat f = 1.85GHz
2
4
6
8
10
12
14
-12.3
-11.3
-10.3
-9.3
-8.3
-7.3
-6.3
-5.3
-4.3
-3.3
Input Power (dBm)
-60
-54
-48
-42
-36
-30
-24
Pout (dBm)
3rds (dBc)
Freq.
N.F.min
(GHz)
(dB)
Mag
Angle
0.60
0.37
0.770
12.2
0.108
0.90
0.40
0.689
21.2
0.100
1.20
0.43
0.614
30.6
0.092
1.50
0.46
0.546
40.4
0.084
1.80
0.49
0.485
50.6
0.077
2.10
0.52
0.431
61.1
0.069
2.40
0.55
0.383
72.1
0.063
2.70
0.58
0.342
83.4
0.057
3.00
0.61
0.307
95.1
0.053
3.30
0.64
0.280
107.2
0.049
3.60
0.67
0.258
119.8
0.046
3.90
0.70
0.244
132.7
0.043
4.20
0.73
0.236
146.0
0.042
4.50
0.76
0.236
159.6
0.040
4.80
0.78
0.242
173.7
0.040
5.10
0.81
0.254
-171.9
0.041
5.40
0.84
0.273
-157.0
0.044
5.70
0.87
0.299
-141.8
0.050
6.00
0.90
0.332
-126.1
0.061
Rn/50
Γopt
Freq.
N.F.min
(GHz)
(dB)
Mag.
Angle
0.60
0.39
0.732
11.5
0.129
0.90
0.42
0.644
22.1
0.115
1.20
0.46
0.564
33.0
0.102
1.50
0.50
0.492
44.2
0.090
1.80
0.53
0.428
55.9
0.079
2.10
0.57
0.372
67.9
0.070
2.40
0.60
0.324
80.2
0.063
2.70
0.64
0.283
93.0
0.057
3.00
0.68
0.251
106.2
0.053
3.30
0.71
0.227
119.7
0.050
3.60
0.75
0.210
133.6
0.049
3.90
0.79
0.202
147.9
0.048
4.20
0.83
0.201
162.5
0.048
4.50
0.86
0.208
177.5
0.049
4.80
0.90
0.223
-167.1
0.051
5.10
0.94
0.247
-151.4
0.056
5.40
0.97
0.277
-135.2
0.065
5.70
1.01
0.317
-118.7
0.080
6.00
1.05
0.364
-101.8
0.106
Rn/50
Γopt
Typical Intermodulation Performance
VDS = 3.3V IDS = 80mA at f = 1.85GHz
2
4
6
8
10
12
14
-12.8
-11.8
-10.8
-9.8
-8.8
-7.8
-6.8
-5.8
-4.9
-3.9
Input Power (dBm)
-68
-62
-56
-50
-44
-38
-32
Pout (dBm)
3rds (dBc)


Similar Part No. - EB750SOT343-BG

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
EB750SOT343BA FILTRONIC-EB750SOT343BA Datasheet
104Kb / 1P
   FP750SOT343 1.85GHz LNA EVALUATION BOARD
More results

Similar Description - EB750SOT343-BG

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN FILTRONIC-FPD1500DFN_1 Datasheet
462Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
LP1500SOT223 FILTRONIC-LP1500SOT223 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
LP3000SOT89 FILTRONIC-LP3000SOT89 Datasheet
44Kb / 3P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD750SOT343 FILTRONIC-FPD750SOT343 Datasheet
105Kb / 4P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1050SOT89 FILTRONIC-FPD1050SOT89 Datasheet
237Kb / 8P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com