Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB750SOT343-BG Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # EB750SOT343-BG
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

EB750SOT343-BG Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  EB750SOT343-BG Datasheet HTML 1Page - Filtronic Compound Semiconductors EB750SOT343-BG Datasheet HTML 2Page - Filtronic Compound Semiconductors EB750SOT343-BG Datasheet HTML 3Page - Filtronic Compound Semiconductors EB750SOT343-BG Datasheet HTML 4Page - Filtronic Compound Semiconductors EB750SOT343-BG Datasheet HTML 5Page - Filtronic Compound Semiconductors EB750SOT343-BG Datasheet HTML 6Page - Filtronic Compound Semiconductors EB750SOT343-BG Datasheet HTML 7Page - Filtronic Compound Semiconductors EB750SOT343-BG Datasheet HTML 8Page - Filtronic Compound Semiconductors EB750SOT343-BG Datasheet HTML 9Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
1
Datasheet v3.0
FPD750SOT343
FEATURES (1850MHZ):
0.5 dB N.F.min.
20 dBm Output Power (P1dB)
16.5 dB Small-Signal Gain (SSG)
37 dBm Output IP3
RoHS compliant (Directive 2002/95/EC)
GENERAL DESCRIPTION:
The FPD750SOT343 is a packaged depletion
mode pseudomorphic High Electron Mobility
Transistor (pHEMT). It utilizes a 0.25 µm x 750
µm Schottky barrier Gate. The Filtronic
0.25µm process ensures class-leading noise
performance.
The use of a small footprint
plastic package allows for cost effective
system implementation.
PACKAGE:
ROHS:
TYPICAL APPLICATIONS:
802.11a,b,g and WiMax LNAs
PCS/Cellular High Linearity LNAs
Other types of wireless infrastructure systems.
TYPICAL PERFORMANCE1:
RF PARAMETER
SYMBOL
CONDITIONS
0.9GHZ 1.85GHZ 2.6GHZ 3.5GHZ
UNITS
Power at 1dB Gain Compression
OP1dB
VDS = 3.3 V; IDS = 40mA
20
19
20
20.5
dBm
Small Signal Gain
SSG
VDS = 3.3 V; IDS = 40mA
22
16.5
14
11
dB
Power-Added Efficiency
PAE
VDS = 3.3 V; IDS = 40mA
POUT = P1dB
50
45
45
50
%
Maximum Stable Gain (|S21/S12|)
MSG
VDS = 3.3 V; IDS = 40mA
24
20
18
16
dB
Noise Figure
N.F.
VDS = 3.3 V; IDS = 40mA
0.5
0.6
0.7
0.8
dB
Output Third-Order Intercept Point
POUT = 9 dBm per Tone
OIP3
VDS = 3.3V; IDS = 40mA
VDS = 3.3V; IDS = 80mA
32
35
31
37
31
35
32
38
dBm
ELECTRICAL SPECIFICATIONS2:
RF/DC PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Frequency
f
2.0
GHz
Power at 1dB Gain Compression
P1dB
VDS = 3.3 V; IDS = 40mA
17
dBm
Small Signal Gain
SSG
VDS = 3.3 V; IDS = 40mA
16
dB
Saturated Drain-Source Current
IDSS
VDS = 1.3 V; VGS = 0 V
185
230
280
mA
Transconductance
GM
VDS = 1.3 V; VGS = 0 V
200
mS
Pinch-Off Voltage
|VP|
VDS = 1.3 V; IDS = 0.75 mA
0.7
1.0
1.3
V
Gate-Source Breakdown Voltage
|VBDGS|
IGS = 0.75 mA
13
16
V
Gate-Drain Breakdown Voltage
|VBDGD|
IGD = 0.75 mA
13
18
V
Thermal Resistivity (see Notes)
θJC
VDS > 3V
143
°C/W
Note: 1. Based on measured data taken on applications circuits. 2. All devices are 100% RF and DC tested at
2GHz with ZS = ZL = 50 Ohms 3. TAMBIENT = 22°C


Similar Part No. - EB750SOT343-BG

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
EB750SOT343BA FILTRONIC-EB750SOT343BA Datasheet
104Kb / 1P
   FP750SOT343 1.85GHz LNA EVALUATION BOARD
More results

Similar Description - EB750SOT343-BG

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN FILTRONIC-FPD1500DFN_1 Datasheet
462Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
LP1500SOT223 FILTRONIC-LP1500SOT223 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
LP3000SOT89 FILTRONIC-LP3000SOT89 Datasheet
44Kb / 3P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD750SOT343 FILTRONIC-FPD750SOT343 Datasheet
105Kb / 4P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1050SOT89 FILTRONIC-FPD1050SOT89 Datasheet
237Kb / 8P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com