Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28158PVC Datasheet(PDF) 3 Page - SpectraLinear Inc

Part # CY28158PVC
Description  Spread Spectrum Timing Solution for Serverworks Chipset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28158PVC Datasheet(HTML) 3 Page - SpectraLinear Inc

  CY28158PVC Datasheet HTML 1Page - SpectraLinear Inc CY28158PVC Datasheet HTML 2Page - SpectraLinear Inc CY28158PVC Datasheet HTML 3Page - SpectraLinear Inc CY28158PVC Datasheet HTML 4Page - SpectraLinear Inc CY28158PVC Datasheet HTML 5Page - SpectraLinear Inc CY28158PVC Datasheet HTML 6Page - SpectraLinear Inc CY28158PVC Datasheet HTML 7Page - SpectraLinear Inc CY28158PVC Datasheet HTML 8Page - SpectraLinear Inc CY28158PVC Datasheet HTML 9Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY28158
Rev 1.0, November 20, 2006
Page 3 of 9
Function Table[2]
SEL133/
100#
SEL1
SEL0
CPU
(MHz)
3V66
(MHz)
PCI
(MHz)
48MHZ
(MHz)
REF
(MHz)
IOAPIC
(MHz)
000Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
001100.227[3]
66.818[3]
33.409[3]
48.008[3]
14.318[3]
16.705[3]
010100
66.67
33.33
OFF
14.318
16.67
011100
66.67
33.33
48.008[3]
14.318
16.67
100TCLK/2
TCLK/4
TCLK/8
TCLK/2
TCLK
TCLK/16
101N/A
N/A
N/A
N/A
N/A
N/A
110133.33
66.67
33.33
OFF
14.318
16.67
111133.33
66.67
33.33
48.008[3]
14.318
16.67
Actual Clock Frequency Values
Clock Output
Target
Frequency
(MHz)
Actual
Frequency
(MHz)
PPM
CPU
100.0
99.126
–8740
CPU
133.33
132.769
–4208
48MHZ
48.0
48.008
167
Clock Enable Configuration
CPU_STOP#
PWR_DWN#
PCI_STOP#
CPU
3V66
PCI
PCI_F
REF
IOAPIC
OSC.
VCOs
X
0
X
LOW
LOW
LOW
LOW
LOW
OFF
OFF
0
1
0
LOW
LOW
LOW
ON
ON
ON
ON
01
1
LOW
LOW
ON
ON
ON
ON
ON
1
1
0
ON
ON
LOW
ON
ON
ON
ON
1
1
1
ON
ONONON
ON
ON
ON
Clock Driver Impedances
Impedance
Buffer Name
VDD Range
Buffer Type
Minimum
Typical
Maximum
CPU, IOAPIC
2.375V – 2.625V
Type 1
13.5
29
45
48MHZ, REF
3.135V – 3.465V
Type 3
20
40
60
PCI, 3V66
3.135V – 3.465V
Type 5
12
30
55
Note:
2. TCLK is a test clock driven in on the X1 input in test mode.
3. This selection is defined as “N/A” or “Reserved.”


Similar Part No. - CY28158PVC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28158PVC CYPRESS-CY28158PVC Datasheet
220Kb / 10P
   Spread Spectrum Timing Solution for Serverworks Chipset
CY28158PVCT CYPRESS-CY28158PVCT Datasheet
220Kb / 10P
   Spread Spectrum Timing Solution for Serverworks Chipset
More results

Similar Description - CY28158PVC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28158 CYPRESS-CY28158 Datasheet
220Kb / 10P
   Spread Spectrum Timing Solution for Serverworks Chipset
logo
Renesas Technology Corp
RD151TS3313ARP RENESAS-RD151TS3313ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
HD151TS303RP RENESAS-HD151TS303RP Datasheet
183Kb / 9P
   Spread Spectrum Clock for EMI Solution
logo
Cypress Semiconductor
W210 CYPRESS-W210 Datasheet
162Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
W230-03 CYPRESS-W230-03 Datasheet
175Kb / 15P
   Spread Spectrum FTG for VIA K7 Chipset
logo
Renesas Technology Corp
RD151TS3314ARP RENESAS-RD151TS3314ARP_15 Datasheet
109Kb / 11P
   Spread Spectrum Clock for EMI Solution
RD151TS3314ARP RENESAS-RD151TS3314ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
RD151TS3316ARP RENESAS-RD151TS3316ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
HD151TS305RP RENESAS-HD151TS305RP Datasheet
82Kb / 10P
   Spread Spectrum Clock for EMI Solution
HD151TS304ARP RENESAS-HD151TS304ARP Datasheet
75Kb / 12P
   Spread Spectrum Clock for EMI Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com