Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4970 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4970
Description  10A SWITCHING REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4970 Datasheet(HTML) 2 Page - STMicroelectronics

  L4970 Datasheet HTML 1Page - STMicroelectronics L4970 Datasheet HTML 2Page - STMicroelectronics L4970 Datasheet HTML 3Page - STMicroelectronics L4970 Datasheet HTML 4Page - STMicroelectronics L4970 Datasheet HTML 5Page - STMicroelectronics L4970 Datasheet HTML 6Page - STMicroelectronics L4970 Datasheet HTML 7Page - STMicroelectronics L4970 Datasheet HTML 8Page - STMicroelectronics L4970 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
PIN CONNECTION (Top view)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
V9
Input Voltage
55
V
V9
Input Operating Voltage
50
V
V7
Output DC Voltage
Output Peak Voltage at t = 0.1
µs f = 200KHz
-1
-7
V
V
I7
Maximum Output Current
Internally Limited
V6
Bootstrap Voltage
Bootstrap Operating Voltage
65
V9 +15
V
V
V3,V12
Input Voltage at Pins 3, 12
12
V
V4
Reset Output Voltage
50
V
I4
Reset Output Sink Current
50
mA
V5,V10, V11, V13
Input Voltage at Pin 5, 10, 11, 13
7
V
I5
Reset Delay Sink Current
30
mA
I10
Error Amplifier Output Sink Current
1
A
I12
Soft Start Sink Current
30
mA
Ptot
Total Power Dissipation at Tcase < 120
°C30
W
Tj,Tstg
Junction and Storage Temperature
-40 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Rth j-amb
Thermal Resistance Junction-case
max
Thermal Resistance Junction-ambient
max
1
35
°C/W
°C/W
L4970A
2/21


Similar Part No. - L4970

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L497 STMICROELECTRONICS-L497 Datasheet
106Kb / 11P
   HALL EFFECT PICKUP IGNITION CONTROLLER
L4971 STMICROELECTRONICS-L4971 Datasheet
134Kb / 12P
   1.5A STEP DOWN SWITCHING REGULATOR
May 2000
L4971 STMICROELECTRONICS-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
L4971 STMICROELECTRONICS-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
May 2005 Rev. 11
L4971D STMICROELECTRONICS-L4971D Datasheet
134Kb / 12P
   1.5A STEP DOWN SWITCHING REGULATOR
May 2000
More results

Similar Description - L4970

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7602 TI-PT7602 Datasheet
162Kb / 3P
[Old version datasheet]   3.3V INPUT 10A PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
logo
Rohm
RK4410 ROHM-RK4410 Datasheet
40Kb / 4P
   Switching (30V, 10A)
logo
Ningbo Tianbo Ganglian ...
TRG1 TIANBO-TRG1 Datasheet
1Mb / 3P
   10A switching capability
logo
Rohm
RES100N03 ROHM-RES100N03 Datasheet
44Kb / 4P
   Switching (30V, 10A)
RDN100N20 ROHM-RDN100N20 Datasheet
62Kb / 4P
   Switching (200V, 10A)
logo
Ningbo Tianbo Ganglian ...
TRA1 TIANBO-TRA1 Datasheet
1Mb / 3P
   10A switching capability
HJR-3FF TIANBO-HJR-3FF Datasheet
528Kb / 3P
   10A switching capability
logo
ON Semiconductor
FAN23SV10MAMPX ONSEMI-FAN23SV10MAMPX Datasheet
1Mb / 21P
   10A Synchronous Buck Regulator
Rev. 1.0
FAN2310AMPX ONSEMI-FAN2310AMPX Datasheet
1Mb / 20P
   10A Synchronous Buck Regulator
September 2015 Rev. 1.0
logo
List of Unclassifed Man...
HJR-3FF ETC1-HJR-3FF Datasheet
187Kb / 3P
   10A switching capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com