Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28159ZC Datasheet(PDF) 9 Page - SpectraLinear Inc

Part # CY28159ZC
Description  Clock Generator for Serverworks Grand Champion Chipset Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28159ZC Datasheet(HTML) 9 Page - SpectraLinear Inc

Back Button CY28159ZC Datasheet HTML 4Page - SpectraLinear Inc CY28159ZC Datasheet HTML 5Page - SpectraLinear Inc CY28159ZC Datasheet HTML 6Page - SpectraLinear Inc CY28159ZC Datasheet HTML 7Page - SpectraLinear Inc CY28159ZC Datasheet HTML 8Page - SpectraLinear Inc CY28159ZC Datasheet HTML 9Page - SpectraLinear Inc CY28159ZC Datasheet HTML 10Page - SpectraLinear Inc CY28159ZC Datasheet HTML 11Page - SpectraLinear Inc CY28159ZC Datasheet HTML 12Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CY28159
Rev 1.0, November 24, 2006
Page 9 of 12
Notes:
9. This parameter is measured at the crossing points of the differential signals, and acquired as an average over 1 s duration, with a crystal center frequency of
14.31818 MHz.
10. All outputs loaded as per Table 4, see Figure 2.
11. Probes are placed on the pins, and measurements are acquired between 0.4V and 2.4V for 3.3V signals and at 20% and 80% for CPU[(0:7), (0:7)#] signals (see
Figure 3).
12. Probes are placed on the pins, and measurements are acquired at 1.5V for 3.3V signals and at crossing points for CPU clocks (see Figure 3).
13. This measurement is applicable with Spread ON or Spread OFF.
14. Probes are placed on the pins, and measurements are acquired at 2.4V (see Figure 3).
15. Probes are placed on the pins, and measurements are acquired at 0.4V. (seeFigure 3).
16. As this function is available through SEL(0,1), therefore, the time specified is guaranteed by design.
17. Determined as a fraction of 2*(Trp-Trn) / (Trp+Trn) where Trp is a rising edge and Trn is an intersecting falling edge.
AC Parameters (VDD = VDDA = 3.3V ±5%, TA = 0°C to +70°C)
Symbol
Description
133 MHz Host
100 MHz Host
Unit
Notes
Min.
Max.
Min.
Max.
CPU
TPeriod
CPU(0:7), (0:7)#) Period
7.35
7.65
9.85
10.2
ns
10,12
Tr/Tf
CPU[(0:7), (0:7)#] Rise and Fall Times
175
700
175
700
ps
10,11
TSKEW1
Skew from Any CPU Pair to Any CPU Pair
100
100
ps
10,12,13
TCJJ
CPU[(0:7), (0:7)#] Cycle to Cycle Jitter
150
150
ps
10,12,13
Vover
CPU[(0:7), (0:7)#] Overshoot
Voh + 0.2
Voh + 0.2
V
10,17
Vunder
CPU[(0:7), (0:7)#] Undershoot
–0.2
-0.2
V
10,17
Vcrossover
CPU(0:7), to CPU(0:7)# Crossover Point
45%Voh
55%Voh
45%Voh
55%Voh
V
9, 10,12
Tduty
Duty Cycle
45
55
45
55
%
10,12
33MHz
Tperiod
3V33 Period
15.0
16.0
15.0
15.2
ns
10,12
THIGH
3V33 High Time
5.25
5.25
ns
10,14
TLOW
3V33 Low Time
5.05
5.05
ns
10,15
Tr/Tf
3V33 Rise and Fall Times
0.5
2.0
0.5
2.0
ns
10,11
TCCJ
3V33 Cycle to Cycle Jitter
300
-
300
ps
10,12,13
Tduty
Duty Cycle
45
55
45
55
%
10,12
REF
Tperiod
REF Period
69.8412
71.0
69.8413
71.0
nS
10,12
Tr/Tf
REF Rise and Fall Times
1.0
4.0
1.0
4.0
nS
10,11
TCCj
REF Cycle to Cycle Jitter
1000
1000
pS
10,12
Tduty
Duty Cycle
45
55
45
55
%
10,12
48MHz
TDC
48MHz(0,1) Duty Cycle
45
55
45
55
%
10,12
Tperiod
48MHz(0.1) Period
20.8299
20.8333
20.8299
20.8333
ns
10,12
Tr/Tf
48MHz(0,1) Rise and Fall Times
1.0
4.0
1.0
4.0
ps
10,11
TCCJ
48MHz(0,1) Cycle to Cycle Jitter
500
500
ps
10,12
Zout
48MHz Buffer Output Impedance
20
20
tpZL, tpZH
Output Enable Delay (all outputs)
1.0
10.0
1.0
10.0
ns
16
tpLZ, tpZH
Output Disable Delay (all outputs)
1.0
10.0
1.0
10.0
ns
16
tstable
All Clock Stabilization from Power-up
3
3
ms


Similar Part No. - CY28159ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28159ZC CYPRESS-CY28159ZC Datasheet
146Kb / 13P
   Clock Generator for Serverworks Grand Champion Chipset Applications
CY28159ZCT CYPRESS-CY28159ZCT Datasheet
146Kb / 13P
   Clock Generator for Serverworks Grand Champion Chipset Applications
More results

Similar Description - CY28159ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28159 CYPRESS-CY28159 Datasheet
146Kb / 13P
   Clock Generator for Serverworks Grand Champion Chipset Applications
logo
Silicon Laboratories
SL28541 SILABS-SL28541 Datasheet
307Kb / 31P
   Clock Generator for Intel짰Mobile Chipset
CY28446 SILABS-CY28446 Datasheet
168Kb / 19P
   Clock Generator for Intel짰Calistoga Chipset
CY28447 SILABS-CY28447 Datasheet
1Mb / 23P
   Clock Generator for Intel짰Calistoga Chipset
CY505YC64DT SILABS-CY505YC64DT Datasheet
212Kb / 24P
   Clock Generator for Intel짰Broadwater Chipset
CY28411 SILABS-CY28411 Datasheet
165Kb / 18P
   Clock Generator for Intel짰Alviso Chipset
CY28548 SILABS-CY28548 Datasheet
1Mb / 31P
   Clock Generator for Intel짰Crestline Chipset
CY28442-2 SILABS-CY28442-2 Datasheet
1Mb / 20P
   Clock Generator for Intel짰Alviso Chipset
SL28504-2 SILABS-SL28504-2 Datasheet
410Kb / 28P
   Clock Generator for Intel짰Eaglelake Chipset
SL28541-2 SILABS-SL28541-2 Datasheet
276Kb / 28P
   Clock Generator for Intel짰Mobile Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com