Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4782 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4782
Description  Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4782 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4782 Datasheet HTML 6Page - National Semiconductor (TI) LM4782 Datasheet HTML 7Page - National Semiconductor (TI) LM4782 Datasheet HTML 8Page - National Semiconductor (TI) LM4782 Datasheet HTML 9Page - National Semiconductor (TI) LM4782 Datasheet HTML 10Page - National Semiconductor (TI) LM4782 Datasheet HTML 11Page - National Semiconductor (TI) LM4782 Datasheet HTML 12Page - National Semiconductor (TI) LM4782 Datasheet HTML 13Page - National Semiconductor (TI) LM4782 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Typical Performance Characteristics
THD+N vs Frequency
±19V, P
OUT = 1W & 15W/Channel
R
L =4
Ω, 80kHz BW
THD+N vs Frequency
±22V, P
OUT = 1W & 15W/Channel
R
L =6
Ω, 80kHz BW
200811G0
200811G1
THD+N vs Frequency
±25V, P
OUT = 1W & 15W/Channel
R
L =8
Ω, 80kHz BW
THD+N vs Output Power/Channel
±19V, R
L =4
Ω, 80kHz BW
200811G2
200811H7
THD+N vs Output Power/Channel
±22V, R
L =6
Ω, 80kHz BW
THD+N vs Output Power/Channel
±25V, R
L =8
Ω, 80kHz BW
200811H8
200811H9
www.national.com
10


Similar Part No. - LM4782

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4782 NSC-LM4782 Datasheet
1Mb / 26P
   3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
Texas Instruments
LM4782 TI1-LM4782 Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4782 TI1-LM4782 Datasheet
1Mb / 33P
[Old version datasheet]   Audio Power Amplifier Series
logo
National Semiconductor ...
LM4782TA NSC-LM4782TA Datasheet
1Mb / 26P
   3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
Texas Instruments
LM4782TA/NOPB TI1-LM4782TA/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   Audio Power Amplifier Series
More results

Similar Description - LM4782

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4782TABD TI1-LM4782TABD Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4782 TI1-LM4782_14 Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
National Semiconductor ...
LM4782 NSC-LM4782 Datasheet
1Mb / 26P
   3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4700 NSC-LM4700 Datasheet
529Kb / 15P
   Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
   LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4781 NSC-LM4781 Datasheet
1Mb / 25P
   Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4765 TI1-LM4765 Datasheet
817Kb / 24P
[Old version datasheet]   LM4765 Overture??Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
logo
National Semiconductor ...
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
logo
Texas Instruments
LM4734 TI1-LM4734_14 Datasheet
1Mb / 28P
[Old version datasheet]   3 Channel 20W Audio Power Amplifier with Mute and Standby
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com