Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA3051 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMA3051
Description  12.5-15.5 GHZ MMIC HIGH POWER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3051 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMA3051 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3051 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3051 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3051 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3051 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3051 Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
12.5-15.5 GHZ MMIC HIGH POWER AMPLIFIER
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
1
FMA3051
Pilot Datasheet v2.1
FEATURES
35 dB Gain
30 dBm P1dB Output Power at 6 V, 1.2 A
40 dBm OIP3
pHEMT Technology
On-chip output power detector
5 x 3 sq. mm die
GENERAL DESCRIPTION
The
FMA3051
is
a
high
performance
12.5-15.5 GHz Gallium Arsenide monolithic
amplifier. It is suitable for use in point-to-
multipoint
communications,
sat-com
and
electronic warfare applications. The die is
fabricated using the Filtronic 0.25 µm process.
The balanced design offers high output power
with low return losses. Power detection is
achieved with an on-chip coupled detector
associated with diode reference voltage. The
circuit is DC blocked at both the RF input and
the RF output.
FUNCTIONAL SCHEMATIC
D1
D2
D3
D4
G2
G3
G4
RF IN
RF OUT
DET
D1
D2
D3
D4
G2
G3
G4
TYPICAL APPLICATIONS
Point-to-point radio
Point-to-multipoint radio
Sat-com
Electronic Warfare
ELECTRICAL SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Small Signal Gain
12.5-15.5 GHz, Vd = 6 V, 1200 mA
32
35
36
dB
Input Return Loss
12.5-15.5 GHz, Vd = 6 V, 1200 mA
-12
-10
dB
Output Return
Loss
12.5-15.5 GHz, Vd = 6 V, 1200 mA
-15
-12
dB
Output Power at
1dB compression
point
12.5-15.5 GHz, Vd = 6 V, 1200 mA
30
33
35
dBm
Output IP3
12.5-15.5 GHz, Vd = 6 V, 1200 mA
40
dBm
Drain Current
6.0 V
800
1100
1400
mA
Typical gate
voltage
-0.5
-0.4
-0.3
V
Note: TAMBIENT = +25°C, Z0 = 50Ω
Performance for on-wafer measurements
Website: www.filtronic.com


Similar Part No. - FMA3051

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
FMA3058-000-WP FILTRONIC-FMA3058-000-WP Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
More results

Similar Description - FMA3051

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA1216-2W EXCELICS-RFMA1216-2W Datasheet
92Kb / 2P
   12.5 - 15.5 GHz Power Amplifier MMIC
EMP213 EXCELICS-EMP213 Datasheet
206Kb / 4P
   12.5 - 15.5 GHz Power Amplifier MMIC
logo
Transcom, Inc.
TC1931D TRANSCOM-TC1931D Datasheet
85Kb / 3P
   12.5 - 15.5 GHz 21dBm MMIC
logo
Excelics Semiconductor,...
EMP215 EXCELICS-EMP215 Datasheet
153Kb / 3P
   12.5 - 16.5 GHz Power Amplifier MMIC
EMP215-P1 EXCELICS-EMP215-P1 Datasheet
94Kb / 2P
   12.5 - 16.5 GHz Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC965LP5E HITTITE-HMC965LP5E_11 Datasheet
814Kb / 8P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER SMT WITH POWER DETECTOR, 12.5 - 15.5 GHz
HMC441LH5 HITTITE-HMC441LH5_09 Datasheet
216Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7 - 15.5 GHz
HMC441LM1 HITTITE-HMC441LM1_07 Datasheet
262Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
HMC441LH5 HITTITE-HMC441LH5 Datasheet
305Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
HMC441LM1 HITTITE-HMC441LM1 Datasheet
318Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com