Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28312B-2T Datasheet(PDF) 6 Page - SpectraLinear Inc

Part # CY28312B-2T
Description  FTG for VIA??K7 Series Chipset with Programmable Output Frequency
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28312B-2T Datasheet(HTML) 6 Page - SpectraLinear Inc

Back Button CY28312B-2T Datasheet HTML 2Page - SpectraLinear Inc CY28312B-2T Datasheet HTML 3Page - SpectraLinear Inc CY28312B-2T Datasheet HTML 4Page - SpectraLinear Inc CY28312B-2T Datasheet HTML 5Page - SpectraLinear Inc CY28312B-2T Datasheet HTML 6Page - SpectraLinear Inc CY28312B-2T Datasheet HTML 7Page - SpectraLinear Inc CY28312B-2T Datasheet HTML 8Page - SpectraLinear Inc CY28312B-2T Datasheet HTML 9Page - SpectraLinear Inc CY28312B-2T Datasheet HTML 10Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CY28312B-2
Rev 1.0, November 21, 2006
Page 6 of 17
Bit 2
13
PCI2
1
(Active/Inactive)
Bit 1
11
PCI1
1
(Active/Inactive)
Bit 0
10
PCI0
1
(Active/Inactive)
Byte 3: Control Register
Bit
Pin#
Name
Default
Description
Bit 7
9
PCI_F
1
(Active/Inactive)
Bit 6
22
PCI9_E
1
(Active/Inactive)
Bit 5
Reserved
0
Reserved
Bit 4
21
PCI8
1
(Active/Inactive)
Bit 3
46
REF2
1
(Active/Inactive)
Bit 2
Reserved
0
Reserved
Bit 1
47
REF1
1
(Active/Inactive)
Bit 0
48
REF0
1
(Active/Inactive)
Byte 4: Watchdog Timer Register
Bit
Pin#
Name
Default
Description
Bit 7
Reserved
0
Reserved
Bit 6
FS_Override
0
0 = Select operating frequency by FS[4:0] input pins
1 = Select operating frequency by SEL[4:0] settings
Bit 5
WD_TIMER4
1
These bits store the time-out value of the Watchdog
timer. The scale of the timer is determine by the
prescaler.
The timer can support a value of 150 ms to 4.8 sec
when the prescaler is set to 150 ms. If the prescaler is
set to 2.5 sec, it can support a value from 2.5 sec to 80
sec.
When the Watchdog timer reaches “0”, it will set the
WD_TO_STATUS bit.
Bit 4
WD_TIMER3
1
Bit 3
WD_TIMER2
1
Bit 2
WD_TIMER1
1
Bit 1
WD_TIMER0
1
Bit 0
WD_PRE_SCAL
ER
0
0 = 150 ms
1 = 2.5 sec
Byte 5: Control Register 5
Bit
Pin#
Name
Default
Description
Bit 7
9
Latched FS4 input
X
Latched FS[4:0] inputs. These bits are read-only.
Bit 6
7
Latched FS3 input
X
Bit 5
6
Latched FS2 input
X
Bit 4
47
Latched FS1 input
X
Bit 3
48
Latched FS0 input
X
Bit 2
Reserved
0
Reserved
Bit 1
Reserved
0
Reserved
Bit 0
SEL4
0
SW Frequency selection bits. See Table 4.
Byte 6: Reserved Register
Bit
Name
Default
Description
Bit 7
Reserved
1
Reserved
Bit 6
Reserved
1
Reserved
Bit 5
Reserved
1
Reserved
Bit 4
Reserved
1
Reserved
Byte 2: Control Register 2 (continued)
Bit
Pin#
Name
Default
Description


Similar Part No. - CY28312B-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28312B-2T CYPRESS-CY28312B-2T Datasheet
240Kb / 17P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
More results

Similar Description - CY28312B-2T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W312-02 SPECTRALINEAR-W312-02 Datasheet
193Kb / 19P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
logo
Cypress Semiconductor
W312-02 CYPRESS-W312-02_05 Datasheet
253Kb / 20P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
W312-02 CYPRESS-W312-02 Datasheet
143Kb / 21P
   FTG for VIA K7 Series Chipset with Programmable Output Frequency
CY28312B-2 CYPRESS-CY28312B-2 Datasheet
240Kb / 17P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
W210 CYPRESS-W210 Datasheet
162Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
W230-03 CYPRESS-W230-03 Datasheet
175Kb / 15P
   Spread Spectrum FTG for VIA K7 Chipset
W210H CYPRESS-W210H Datasheet
165Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
CY28326 CYPRESS-CY28326 Datasheet
288Kb / 23P
   FTG for VIA PT880 Serial Chipset
logo
SpectraLinear Inc
CY28326 SPECTRALINEAR-CY28326 Datasheet
224Kb / 22P
   FTG for VIA PT880 Serial Chipset
logo
Cypress Semiconductor
W311 CYPRESS-W311 Datasheet
347Kb / 19P
   FTG for VIA Pro-266 DDR Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com