Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4861 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4861
Description  1.1W Audio Power Amplifier with Shutdown Mode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4861 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4861 Datasheet HTML 4Page - National Semiconductor (TI) LM4861 Datasheet HTML 5Page - National Semiconductor (TI) LM4861 Datasheet HTML 6Page - National Semiconductor (TI) LM4861 Datasheet HTML 7Page - National Semiconductor (TI) LM4861 Datasheet HTML 8Page - National Semiconductor (TI) LM4861 Datasheet HTML 9Page - National Semiconductor (TI) LM4861 Datasheet HTML 10Page - National Semiconductor (TI) LM4861 Datasheet HTML 11Page - National Semiconductor (TI) LM4861 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Application Information (Continued)
possible high frequency oscillations. Care should be taken
when calculating the −3dB frequency in that an incorrect
combination of R
f and Cf will cause rolloff before 20kHz. A
typical combination of feedback resistor and capacitor that
will not produce audio band high frequency rolloff is R
f =
100k
Ω and C
f = 5pF. These components result in a −3dB
point of approximately 320kHz. Once the differential gain of
the amplifier has been calculated, a choice of R
f will result,
and C
f can then be calculated from the formula stated in the
External Components Description section.
VOICE-BAND AUDIO AMPLIFIER
Many applications, such as telephony, only require a voice-
band frequency response. Such an application usually re-
quires a flat frequency response from 300Hz to 3.5kHz. By
adjusting the component values of Figure 2, this common
application requirement can be implemented. The combina-
tion of R
i and Ci form a highpass filter while Rf and Cf form a
lowpass filter. Using the typical voice-band frequency range,
with a passband differential gain of approximately 100, the
following values of R
i,Ci,Rf, and Cf follow from the equa-
tions stated in the External Components Description sec-
tion.
R
i = 10k
Ω,R
f = 510k ,Ci = 0.22µF, and Cf = 15pF
Five times away from a −3dB point is 0.17dB down from the
flatband response. With this selection of components, the
resulting −3dB points, f
L and fH, are 72Hz and 20kHz, re-
spectively, resulting in a flatband frequency response of
better than ±0.25dB with a rolloff of 6dB/octave outside of
the passband. If a steeper rolloff is required, other common
bandpass filtering techniques can be used to achieve higher
order filters.
SINGLE-ENDED AUDIO AMPLIFIER
Although the typical application for the LM4861 is a bridged
monoaural amp, it can also be used to drive a load single-
endedly in applications, such as PC cards, which require that
one side of the load is tied to ground. Figure 3 shows a
common single-ended application, where V
O1 is used to
drive the speaker. This output is coupled through a 470µF
capacitor, which blocks the half-supply DC bias that exists in
all single-supply amplifier configurations. This capacitor,
designated C
O in Figure 3, in conjunction with RL, forms a
highpass filter. The −3dB point of this high pass filter is
1/(2
πR
LCO), so care should be taken to make sure that the
product of R
L and CO is large enough to pass low frequen-
cies to the load. When driving an 8
Ω load, and if a full audio
spectrum reproduction is required, C
O should be at least
470µF. V
O2, the output that is not used, is connected through
a 0.1 µF capacitor to a 2k
Ω load to prevent instability. While
such an instability will not affect the waveform of V
O1,itis
good design practice to load the second output.
AUDIO POWER AMPLIFIER DESIGN
Design a 1W / 8
Ω Audio Amplifier
Given:
Power Output
1 Wrms
Load Impedance
8
Input Level
1 Vrms
Input Impedance
20 k
Bandwidth
100 Hz–20 kHz ± 0.25 dB
A designer must first determine the needed supply rail to
obtain the specified output power. By extrapolating from the
Output Power vs Supply Voltage graph in the Typical Per-
formance Characteristics section, the supply rail can be
easily found. A second way to determine the minimum sup-
ply rail is to calculate the required V
opeak using Equation 3
and add the dropout voltage. Using this method, the mini-
mum supply voltage would be (V
opeak +VOD , where VOD is
typically 0.6V.
(3)
For 1W of output power into an 8
Ω load, the required V
opeak
is 4.0V. A minumum supply rail of 4.6V results from adding
V
opeak and Vod. But 4.6V is not a standard voltage that exists
in many applications and for this reason, a supply rail of 5V
is designated. Extra supply voltage creates dynamic head-
room that allows the LM4861 to reproduce peaks in excess
of 1Wwithout clipping the signal. At this time, the designer
must make sure that the power supply choice along with the
output impedance does not violate the conditions explained
in the Power Dissipation section.
Once the power dissipation equations have been addressed,
the required differential gain can be determined from Equa-
tion 4.
(4)
R
f/Ri =AVD / 2
(5)
From equation 4, the minimum A
vd is 2.83: Avd =3
Since the desired input impedance was 20k
Ω, and with a A
vd
of 3, a ratio of 1:1.5 of R
f to Ri results in an allocation of Ri =
20k
Ω,R
f = 30k
Ω. The final design step is to address the
bandwidth requirements which must be stated as a pair of
−3dB frequency points. Five times away from a −3db point is
0.17dB down from passband response which is better than
the required ±0.25dB specified. This fact results in a low and
high frequency pole of 20Hz and 100kHz respectively. As
stated in the External Components section, R
i in conjunc-
tion with C
i create a highpass filter.
C
i
≥ 1/(2π*20kΩ*20Hz) = 0.397µF; use 0.39µF.
The high frequency pole is determined by the product of the
desired high frequency pole, f
H, and the differential gain, Avd.
With a A
vd = 2 and fH = 100kHz, the resulting GBWP =
100kHz which is much smaller than the LM4861 GBWP of
4MHz. This figure displays that if a designer has a need to
design an amplifier with a higher differential gain, the
LM4861 can still be used without running into bandwidth
problems.
www.national.com
9


Similar Part No. - LM4861

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4861 NSC-LM4861 Datasheet
218Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4861 TI1-LM4861 Datasheet
919Kb / 20P
[Old version datasheet]   LM4861 1.1W Audio Power Amplifier with Shutdown Mode
LM4861 TI-LM4861 Datasheet
892Kb / 20P
[Old version datasheet]   1.1W Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4861M NSC-LM4861M Datasheet
218Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4861M TI1-LM4861M Datasheet
919Kb / 20P
[Old version datasheet]   LM4861 1.1W Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4861

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4861 NSC-LM4861 Datasheet
218Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4861MX TI-LM4861MX Datasheet
892Kb / 20P
[Old version datasheet]   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4871 UTC-PA4871 Datasheet
231Kb / 6P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4870 NSC-LM4870 Datasheet
259Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4871 UTC-PA4871_17 Datasheet
236Kb / 7P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4871 UTC-PA4871_15 Datasheet
277Kb / 6P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4861MX TI1-LM4861MX Datasheet
919Kb / 20P
[Old version datasheet]   LM4861 1.1W Audio Power Amplifier with Shutdown Mode
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com