Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA3011 Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # FMA3011
Description  12.7-16GHZ MMIC POWER AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3011 Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FMA3011 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3011 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3011 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3011 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3011 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3011 Datasheet HTML 6Page - Filtronic Compound Semiconductors FMA3011 Datasheet HTML 7Page - Filtronic Compound Semiconductors FMA3011 Datasheet HTML 8Page - Filtronic Compound Semiconductors FMA3011 Datasheet HTML 9Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
3
Datasheet v4.0
FMA3011
TYPICAL PERFORMANCE FOR ON WAFER MEASUREMENTS:
Note: RF on wafer measurements conducted at a lower bias point. Gain increases to the typical value at full bias.
Measurement Conditions: VG1= -0.5V, ID= 180mA, VDD= 5V, TAMBIENT = 25°C
Gain
Input Return Loss
12
13
14
15
16
Frequency (GHz)
20
21
22
23
24
25
26
27
28
29
30
12
13
14
15
16
Frequency (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
Output Return Loss
Reverse Isolation
12
13
14
15
16
Frequency (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
12
13
14
15
16
Frequency (GHz)
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
Input Impedance
Output Impedance
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
Swp Max
16GHz
Swp Min
12GHz
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
Swp Max
16GHz
Swp Min
12GHz


Similar Part No. - FMA3011

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
More results

Similar Description - FMA3011

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
253Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
FMA3014 FILTRONIC-FMA3014_1 Datasheet
239Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
logo
Excelics Semiconductor,...
RFMA1213-2W EXCELICS-RFMA1213-2W Datasheet
93Kb / 2P
   12.7 - 13.3 GHz Power Amplifier MMIC
logo
United Monolithic Semic...
CHA5051-QDG UMS-CHA5051-QDG Datasheet
642Kb / 10P
   7-16GHz Medium Power Amplifier
CHA5051 UMS-CHA5051 Datasheet
821Kb / 14P
   7-16GHz Medium Power Amplifier
CHA5052 UMS-CHA5052 Datasheet
493Kb / 10P
   7-16GHz High Power Amplifier
logo
Cree, Inc
CMPA1C1D060D CREE-CMPA1C1D060D Datasheet
549Kb / 8P
   60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA1C1D060D WOLFSPEED-CMPA1C1D060D Datasheet
237Kb / 8P
   60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-8-30
logo
United Monolithic Semic...
CHA5052-QGG UMS-CHA5052-QGG Datasheet
1Mb / 10P
   7-16GHz High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com