Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA3009 Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part # FMA3009
Description  2-20GHZ BROADBAND MMIC AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3009 Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  FMA3009 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 6Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 7Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 8Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 9Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
4
Pilot Datasheet v2.5
FMA3009
TYPICAL PERFORMANCE FOR ON WAFER MEASUREMENTS WITH DIFFERENT PADS
CONFIGURATIONS (PADS B, C AND D GROUNDED OR UNBONDED):
Note: VDD= 8V, TAMBIENT = 25°C.
Letters or Group of Letters indicate which Bias resistors are bonded to ground
Gain w ith Different Pad Grounding
Configurations
7
8
9
10
11
12
13
2
4
6
8
10 12 14 16 18 20
Frequency (GHz)
B
C
D
BC
BD
CD
BCD
Reverse Isolation
-80
-70
-60
-50
-40
-30
-20
-10
0
2
4
6
8 101214 16 18 20
Frequency (GHz)
B
C
D
BC
BD
CD
BCD
Input Return Loss
-25
-20
-15
-10
-5
0
2
4
6
8 10 12 14 16 18 20
Frequency (GHz)
B
C
D
BC
BD
CD
BCD
Output Return Loss
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
2
4
6
8 101214 16 18 20
Frequency (GHz)
B
C
D
BC
BD
CD
BCD
Drain Current @ 10 GHz for Different Pad
Grounding Configurations
0
50
100
150
200
250
B
C
D
BCBDCD
BCD
Grounded Pads
Output P1dB @ 10 GHz for Different Pad
Grounding Configurations
20
21
22
23
24
25
26
27
BC
D
BC
BD
CD
BCD
Grounded Pads


Similar Part No. - FMA3009

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
More results

Similar Description - FMA3009

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007_1 Datasheet
662Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
   17.5-20GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
   Cascadable pHEMT MMIC Amplifier DC to 20GHz
logo
TriQuint Semiconductor
RM022020 TRIQUINT-RM022020_15 Datasheet
239Kb / 5P
   2-20GHz 20W Benchtop Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com