Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA3009 Datasheet(PDF) 7 Page - Filtronic Compound Semiconductors

Part # FMA3009
Description  2-20GHZ BROADBAND MMIC AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3009 Datasheet(HTML) 7 Page - Filtronic Compound Semiconductors

Back Button FMA3009 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 6Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 7Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 8Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 9Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 10Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
7
Pilot Datasheet v2.5
FMA3009
S-PARAMETERS CONTINUED
S11
S21
S12
S22
Frequency Mag
Angle
Mag
Angle
Mag
Angle
Mag
Angle
9.45
-17.68
-0.74
9.75
-0.49
-43.92
1.16
-18.35
1.26
9.65
-18.55
-0.74
9.78
-0.58
-44.02
1.07
-17.66
1.29
9.85
-19.45
-0.72
9.81
-0.67
-43.32
0.97
-16.90
1.27
10.05
-20.51
-0.69
9.88
-0.75
-43.38
0.90
-16.33
1.23
10.25
-21.65
-0.63
9.95
-0.83
-43.53
0.77
-15.87
1.25
10.45
-22.95
-0.50
9.98
-0.92
-43.32
0.70
-15.32
1.23
10.65
-23.58
-0.29
10.03
-1.01
-43.10
0.67
-14.49
1.18
10.85
-23.52
-0.08
10.10
-1.10
-42.82
0.54
-13.89
1.16
11.05
-22.97
0.10
10.11
-1.18
-42.71
0.50
-13.44
1.16
11.25
-22.03
0.24
10.11
-1.27
-42.47
0.41
-12.67
1.13
11.45
-20.90
0.34
10.16
-1.37
-42.44
0.33
-12.07
1.08
11.65
-19.77
0.40
10.25
-1.45
-41.96
0.19
-11.75
1.04
11.85
-18.62
0.42
10.24
-1.54
-42.27
0.08
-11.09
0.99
12.05
-17.64
0.43
10.14
1.50
-42.51
0.00
-10.19
0.93
12.25
-16.75
0.42
10.12
1.41
-43.34
-0.06
-9.70
0.82
12.45
-15.97
0.39
10.19
1.34
-43.82
-0.06
-9.81
0.67
12.65
-15.23
0.37
10.19
1.26
-43.35
-0.01
-10.32
0.62
12.85
-14.58
0.33
10.22
1.16
-42.38
-0.04
-10.65
0.61
13.05
-13.97
0.29
10.30
1.07
-41.92
-0.11
-10.67
0.57
13.25
-13.41
0.24
10.27
0.98
-41.40
-0.24
-10.45
0.58
13.45
-12.93
0.20
10.17
0.90
-41.13
-0.29
-10.33
0.58
13.65
-12.48
0.14
10.18
0.80
-40.78
-0.35
-10.11
0.52
13.85
-12.12
0.09
10.29
0.72
-40.86
-0.42
-9.99
0.50
14.05
-11.80
0.04
10.27
0.64
-39.83
-0.50
-9.95
0.49
14.25
-11.47
-0.02
10.16
0.54
-39.91
-0.58
-9.67
0.43
14.45
-11.19
-0.08
10.15
0.44
-39.98
-0.65
-9.38
0.38
14.65
-10.97
-0.14
10.22
0.36
-39.88
-0.74
-9.46
0.35
14.85
-10.80
-0.20
10.15
0.29
-39.46
-0.77
-9.39
0.31
15.05
-10.60
-0.26
10.12
0.20
-39.37
-0.87
-9.19
0.27
15.25
-10.50
-0.32
10.25
0.10
-39.02
-0.93
-9.39
0.21
15.45
-10.41
-0.38
10.25
0.02
-39.17
-1.00
-9.52
0.16
15.65
-10.35
-0.45
10.15
-0.06
-38.70
-1.11
-9.33
0.13
15.85
-10.34
-0.51
10.16
-0.15
-38.29
-1.16
-9.38
0.09
16.05
-10.38
-0.58
10.25
-0.24
-38.37
-1.22
-9.71
0.03
16.25
-10.44
-0.64
10.27
-0.31
-37.69
-1.25
-9.87
-0.01
16.45
-10.51
-0.70
10.27
-0.40
-37.81
-1.34
-9.95
-0.04
16.65
-10.68
-0.77
10.33
-0.50
-37.37
-1.46
-10.17
-0.11
16.85
-10.85
-0.83
10.47
-0.58
-37.44
-1.49
-10.34
-0.15
17.05
-11.05
-0.90
10.44
-0.66
-36.70
-1.57
-10.54
-0.14
17.25
-11.34
-0.96
10.44
-0.75
-36.30
1.52
-10.81
-0.19


Similar Part No. - FMA3009

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
More results

Similar Description - FMA3009

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007_1 Datasheet
662Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
   17.5-20GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
   Cascadable pHEMT MMIC Amplifier DC to 20GHz
logo
TriQuint Semiconductor
RM022020 TRIQUINT-RM022020_15 Datasheet
239Kb / 5P
   2-20GHz 20W Benchtop Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com