Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4975A Datasheet(PDF) 8 Page - STMicroelectronics

Part # L4975A
Description  5A SWITCHING REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4975A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L4975A Datasheet HTML 4Page - STMicroelectronics L4975A Datasheet HTML 5Page - STMicroelectronics L4975A Datasheet HTML 6Page - STMicroelectronics L4975A Datasheet HTML 7Page - STMicroelectronics L4975A Datasheet HTML 8Page - STMicroelectronics L4975A Datasheet HTML 9Page - STMicroelectronics L4975A Datasheet HTML 10Page - STMicroelectronics L4975A Datasheet HTML 11Page - STMicroelectronics L4975A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ELECTRICAL CHARACTERISTICS (continued)
RESET AND POWER FAIL FUNCTIONS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig.
V11R
Rising Threshold Voltage
(pin 11)
Vi = 15 to 50V
V3 = 5.3V
Vref
–120
Vref
–100
Vref
–80
V
mV
7D
V11F
Falling Threshold Voltage
(pin 11)
Vi = 15 to 50V
V3 = 5.3V
4.77
Vref
–200
Vref
–160
V
mV
7D
V5H
Delay High Threshold
Voltage
Vi = 15 to 50V
V11 =V14
4.95
5.1
5.25
V
7D
V5L
Delay Low Threshold
Voltage
Vi = 15 to 50V
V11 =V14
V3 = 5.3V
1
1.1
1.2
V
7D
–I5SO
Delay Source Current
V3 = 5.3V; V5 =3V
40
60
80
µA7D
I5SI
Delay Sink Current
V3 = 4.7V; V5 =3V
10
mA
7D
V4S
Out Saturation Voltage
I4 = 15mA; S1 = B
V3 = 4.7V
0.4
V
7D
I4
Output Leak Current
V4 = 50V; S1 = A
V3 = 5.3V
100
µA7D
V3R
Rising Threshold Voltage
V11 =V14
4.95
5.1
5.25
V
7D
V3H
Hysteresys
0.4
0.5
0.6
V
7D
I3
Input Bias Current
1
3
µA7D
Figure 5: Test and Evaluation Board Circuit
TYPICAL PERFORMANCES (using evaluation board) :
n = 83% (Vi = 35V ; Vo =VREF ;Io =5A ; fSW = 200KHz)
Vo RIPPLE = 30mV (at 5A) with output filter capacitor ESR
≤ 60mΩ
Line regulation = 5mV (Vi = 15 to 50V)
Load regulation = 15mV (Io = 2 to 5A)
For component values, refer to test circuit part list.
L4975A
8/21


Similar Part No. - L4975A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L497 STMICROELECTRONICS-L497 Datasheet
106Kb / 11P
   HALL EFFECT PICKUP IGNITION CONTROLLER
L4970 STMICROELECTRONICS-L4970 Datasheet
399Kb / 21P
   10A SWITCHING REGULATOR
L4970A STMICROELECTRONICS-L4970A Datasheet
399Kb / 21P
   10A SWITCHING REGULATOR
L4971 STMICROELECTRONICS-L4971 Datasheet
134Kb / 12P
   1.5A STEP DOWN SWITCHING REGULATOR
May 2000
L4971 STMICROELECTRONICS-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
More results

Similar Description - L4975A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SH1605 FAIRCHILD-SH1605 Datasheet
195Kb / 4P
   5A Efficient Switching Regulator
logo
Microsemi Corporation
NX9415 MICROSEMI-NX9415 Datasheet
582Kb / 12P
   5A SYNCHRONOUS BUCK SWITCHING REGULATOR
logo
Renesas Technology Corp
RAA211650 RENESAS-RAA211650 Datasheet
3Mb / 35P
   60V 5A Integrated Switching Regulator
May 6, 2021
RAA211651 RENESAS-RAA211651 Datasheet
3Mb / 35P
   60V 5A Low Quiescent Current Integrated Switching Regulator
May 6, 2021
logo
Rohm
2SK2793 ROHM-2SK2793 Datasheet
141Kb / 4P
   Switching (500V, 5A)
2SK2713 ROHM-2SK2713 Datasheet
153Kb / 5P
   Switching (450V, 5A)
2SK2459N ROHM-2SK2459N Datasheet
137Kb / 4P
   Switching (200V, 5A)
RDN050N20 ROHM-RDN050N20 Datasheet
50Kb / 4P
   Switching (200V, 5A)
logo
Hongfa Technology
HFD41_HFD41A HONGFA-HFD41_HFD41A_17 Datasheet
60Kb / 3P
   5A switching capability
logo
List of Unclassifed Man...
AMC7581 ETC-AMC7581 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com