Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS2016-005-TR Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2016-005-TR
Description  High Power Reflective GaAs SP4T Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2016-005-TR Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2016-005-TR Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2016-005-TR Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2016-005-TR Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2016-005-TR Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2016-005-TR Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2016-005-TR Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
High Power Reflective GaAs SP4T Switch
1
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
Datasheet v3.0
FMS2016-005
FEATURES:
3x3x0.9mm Packaged pHEMT Switch
NiPdAu finish for Military and High reliability
applications
High isolation: >30dB at 1.8GHz
Excellent low control voltage performance
Excellent harmonic performance under
GSM/DCS/PCS/EDGE power levels
RoHS Compliant (Directive 2002/95/EC)
GENERAL DESCRIPTION:
The FMS2016-005 is a low loss, high power and
linear single pole four throw Gallium Arsenide
antenna switch designed for use in mobile handset
and other high power switching applications. The
die is fabricated using the Filtronic FL05 0.5
µm
switch process technology, which offers excellent
performance optimised for switch applications.
FUNCTIONAL SCHEMATIC:
ANT
RF1
RF3
RF2
RF4
TYPICAL APPLICATIONS:
Multi-band GSM/DCS/PCS/EDGE handset
modules
High power and linear RF switching
applications
.
ELECTRICAL SPECIFICATIONS:
Parameter
Test Conditions
Min
Typ
Max
Units
Insertion Loss
0.5 – 1.0 GHz
1.0 – 2.0 GHz
0.55
0.65
0.75
0.85
dB
dB
Return Loss
0.5 – 2.5 GHz
16
20
dB
Isolation
RF1 – RF3, RF1 – RF2, RF2 – RF4
0.5 – 1.0 GHz
1.0 – 2.0 GHz
30
34
32
dB
dB
Isolation
RF3 – RF4
0.5 – 1.0 GHz
1.0 – 2.0 GHz
26
34
30
dB
dB
2nd Harmonic Level
1 GHz, Pin = +35 dBm, 100% Duty Cycle
2 GHz, Pin = +35 dBm, 100% Duty Cycle
-75
-75
-60
-65
dBc
dBc
3rd Harmonic Level
1 GHz, Pin = +35 dBm, 100% Duty Cycle
2 GHz, Pin = +35 dBm, 100% Duty Cycle
-75
-75
-60
-65
dBc
dBc
Switching speed: Trise, Tfall
Ton, Toff
10% to 90% RF and 90% to 10% RF
50% control to 90% RF and 50% control to 10% RF
<0.3
0.5
µs
µs
Control Current
+35dBm RF input @1GHz
<10
15
µA
IP3
0.9 & 0.91 GHz, Pin = +20 dBm
1.85 & 1.86 GHz, Pin = +20 dBm
>68
>66
dBm
dBm
P0.1dB
1.0GHz
2.0GHz
>38
>37
dBm
dBm
Note:
TAMBIENT = 25°C, Vctrl = 0V/2.7V, ZIN = ZOUT = 50Ω
External DC blocking capacitors are required on all RF ports (typ: 47pF)


Similar Part No. - FMS2016-005-TR

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2016-005-EB FILTRONIC-FMS2016-005-EB Datasheet
199Kb / 6P
   High Power Reflective GaAs SP4T Switch
More results

Similar Description - FMS2016-005-TR

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2016-001 FILTRONIC-FMS2016-001 Datasheet
220Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2016-001 FILTRONIC-FMS2016-001_1 Datasheet
288Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2003QFN FILTRONIC-FMS2003QFN Datasheet
179Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2016QFN FILTRONIC-FMS2016QFN Datasheet
199Kb / 6P
   High Power Reflective GaAs SP4T Switch
logo
M/A-COM Technology Solu...
SW-243 MA-COM-SW-243 Datasheet
85Kb / 3P
   Reflective GaAs SP4T Switch DC - 4 GHz
logo
Tyco Electronics
SW-243 MACOM-SW-243 Datasheet
167Kb / 3P
   Reflective GaAs SP4T Switch DC - 4 GHz
logo
M/A-COM Technology Solu...
MASW-007813 MA-COM-MASW-007813 Datasheet
112Kb / 4P
   GaAs SP4T High Power Switch
MASW-007813 MA-COM-MASW-007813_15 Datasheet
603Kb / 5P
   GaAs SP4T High Power Switch
logo
Hittite Microwave Corpo...
HMC1084LC4 HITTITE-HMC1084LC4 Datasheet
1Mb / 6P
   GaAs MMIC SP4T REFLECTIVE SWITCH 23 - 30 GHz
HMC944LC4 HITTITE-HMC944LC4 Datasheet
694Kb / 4P
   GaAs MMIC SP4T REFLECTIVE SWITCH, 23 - 30 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com