Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS2016-001 Datasheet(PDF) 6 Page - Filtronic Compound Semiconductors

Part # FMS2016-001
Description  High Power Reflective GaAs SP4T Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2016-001 Datasheet(HTML) 6 Page - Filtronic Compound Semiconductors

  FMS2016-001 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2016-001 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2016-001 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2016-001 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2016-001 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2016-001 Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
Datasheet v3.0
FMS2016-001
PREFERRED ASSEMBLY INSTRUCTIONS:
Available on request
HANDLING PRECAUTIONS:
To avoid damage to
the
devices
care
should be exercised
during
handling.
Proper
Electrostatic
Discharge
(ESD)
precautions should be observed at all stages
of storage, handling, assembly, and testing.
These devices should be treated as Class 1A
(250-500 V) as defined in JEDEC Standard
No. 22-A114.
Further information on ESD
control measures can be found in MIL-STD-
1686 and MIL-HDBK-263.
APPLICATION NOTES & DESIGN DATA:
Application Notes and design data, including
S-parameters are available on request.
DISCLAIMERS:
This product is not designed for use in any
space
based
or
life
sustaining/supporting
equipment.
ORDERING INFORMATION:
PART NUMBER
DESCRIPTION
FMS2016-001-TR
Packaged Die
Tape & Reel (minimum quantity: 1k pcs)
FMS2016-001-TB
Packaged Die supplied in a Tube
FMS2016-001-EB
Packaged Die mounted on Evaluation
Board


Similar Part No. - FMS2016-001

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2016-001 FILTRONIC-FMS2016-001 Datasheet
220Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2016-001-EB FILTRONIC-FMS2016-001-EB Datasheet
220Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2016-001-TB FILTRONIC-FMS2016-001-TB Datasheet
220Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2016-001-TR FILTRONIC-FMS2016-001-TR Datasheet
220Kb / 6P
   High Power Reflective GaAs SP4T Switch
More results

Similar Description - FMS2016-001

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2016-001 FILTRONIC-FMS2016-001 Datasheet
220Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2003QFN FILTRONIC-FMS2003QFN Datasheet
179Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2016QFN FILTRONIC-FMS2016QFN Datasheet
199Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2016-005 FILTRONIC-FMS2016-005 Datasheet
290Kb / 6P
   High Power Reflective GaAs SP4T Switch
logo
M/A-COM Technology Solu...
SW-243 MA-COM-SW-243 Datasheet
85Kb / 3P
   Reflective GaAs SP4T Switch DC - 4 GHz
logo
Tyco Electronics
SW-243 MACOM-SW-243 Datasheet
167Kb / 3P
   Reflective GaAs SP4T Switch DC - 4 GHz
logo
M/A-COM Technology Solu...
MASW-007813 MA-COM-MASW-007813 Datasheet
112Kb / 4P
   GaAs SP4T High Power Switch
MASW-007813 MA-COM-MASW-007813_15 Datasheet
603Kb / 5P
   GaAs SP4T High Power Switch
logo
Hittite Microwave Corpo...
HMC1084LC4 HITTITE-HMC1084LC4 Datasheet
1Mb / 6P
   GaAs MMIC SP4T REFLECTIVE SWITCH 23 - 30 GHz
HMC944LC4 HITTITE-HMC944LC4 Datasheet
694Kb / 4P
   GaAs MMIC SP4T REFLECTIVE SWITCH, 23 - 30 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com