Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP297FPZ Datasheet(PDF) 7 Page - Analog Devices

Part # OP297FPZ
Description  Dual Low Bias Current Precision Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP297FPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button OP297FPZ Datasheet HTML 3Page - Analog Devices OP297FPZ Datasheet HTML 4Page - Analog Devices OP297FPZ Datasheet HTML 5Page - Analog Devices OP297FPZ Datasheet HTML 6Page - Analog Devices OP297FPZ Datasheet HTML 7Page - Analog Devices OP297FPZ Datasheet HTML 8Page - Analog Devices OP297FPZ Datasheet HTML 9Page - Analog Devices OP297FPZ Datasheet HTML 10Page - Analog Devices OP297FPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OP297
Rev. F | Page 7 of 16
OUTPUT VOLTAGE (V)
0
–15
RL = 10kΩ
VS = ±15V
VCM = 0V
–10
–5
0
5
10
15
TA = –55°C
TA = +25°C
TA = +125°C
FREQUENCY (Hz)
1000
1
1
1000
10
10
1
100
100
1000
10
100
CURRENT
NOISE
VOLTAGE
NOISE
TA = 25°C
VS = ±2V TO ±15V
Figure 17. Voltage Noise Density and Current Noise Density vs. Frequency
Figure 20. Differential Input Voltage vs. Output Voltage
SOURCE RESISTANCE (Ω)
10
0.01
107
1
106
105
104
103
102
0.1
10Hz
10Hz
1kHz
1kHz
TA = 25°C
VS = ±2V TO ±20V
LOAD RESISTANCE (Ω)
0
5
10
15
20
25
30
35
10
100
1k
10k
TA = 25°C
VS = ±15V
AVCL = +1
1% THD
fO = 1kHz
Figure 21. Output Swing vs. Load Resistance
Figure 18. Total Noise Density vs. Source Resistance
FREQUENCY (Hz)
0
5
10
15
20
25
30
35
100
1k
10k
100k
TA = 25°C
VS = ±15V
AVCL = +1
1% THD
fO = 1kHz
RL = 10kΩ
LOAD RESISTANCE (kΩ)
10000
100 1
1000
4
3
2
510
20
VS = ±15V
VO = ±10V
TA = –55°C
TA = +25°C
TA = +125°C
8
7
6
59
Figure 22. Maximum Output Swing vs. Frequency
Figure 19. Open-Loop Gain vs. Load Resistance


Similar Part No. - OP297FPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP297FPZ AD-OP297FPZ Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. G
More results

Similar Description - OP297FPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-297 AD-OP-297 Datasheet
592Kb / 16P
   DUAL LOW BIAS CURRENT PRECISION OPERATIONAL AMPLIFIER
REV. B
OP297 AD-OP297_03 Datasheet
266Kb / 12P
   Dual Low Bias Current Precision Operational Amplifier
REV. E
OP297 AD-OP297_15 Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
OP297 AD-OP297 Datasheet
191Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
REV. D
OP297S AD-OP297S Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. G
logo
Texas Instruments
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com