Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP200AZ Datasheet(PDF) 6 Page - Analog Devices

Part # OP200AZ
Description  Dual Low Offset, Low Power Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200AZ Datasheet(HTML) 6 Page - Analog Devices

Back Button OP200AZ Datasheet HTML 2Page - Analog Devices OP200AZ Datasheet HTML 3Page - Analog Devices OP200AZ Datasheet HTML 4Page - Analog Devices OP200AZ Datasheet HTML 5Page - Analog Devices OP200AZ Datasheet HTML 6Page - Analog Devices OP200AZ Datasheet HTML 7Page - Analog Devices OP200AZ Datasheet HTML 8Page - Analog Devices OP200AZ Datasheet HTML 9Page - Analog Devices OP200AZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. B
OP200
–6–
–75
10
0
TEMPERATURE – C
VS = 15V
–50
–25
0
25
50
75
100
125
20
30
40
50
60
TPC 2. Input Offset Voltage
vs. Temperature
–15
0.2
0
COMON-MODE VOLTAGE – V
TA = 25 C
VS = 15V
–10
–5
0
5
10
15
0.4
0.6
0.8
1.0
TPC 5. Input Bias Current vs.
Common-Mode Voltage
FREQUENCY – Hz
1000
10
1k
100
100
TA = 25 C
VS = 15V
1
TPC 8. Current Noise Density
vs. Frequency
–Typical Performance Characteristics
TIME – Minutes
5
0
1
2
12
345
TA = 25 C
VS = 15V
TPC 1. Warm-Up Drift
–75
50
300
250
200
100
150
0
TEMPERATURE – C
VS = 15V
–50
–25
0
25
50
75
100
125
TPC 4. Input Offset Current vs.
Temperature
FREQUENCY – Hz
10
1
100
10
100
1k
TA = 25 C
VS = 15V
TPC 7. Voltage Noise Density
vs. Frequency
–75
0
2
–2
TEMPERATURE – C
VS = 15V
–50
–25
0
25
50
75
100
125
–3
3
1
–1
TPC 3. Input Bias Current vs.
Temperature
FREQUENCY – Hz
0
1
20
40
60
80
100
120
140
10
100
1k
10k
100k
TA = 25 C
VS = 15V
TPC 6. Common-Mode Rejection
vs. Frequency
TPC 9. 0.1 to 10 Hz Noise


Similar Part No. - OP200AZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifiernull
Rev. E
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
More results

Similar Description - OP200AZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200GZ AD-OP200GZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200_17 Datasheet
410Kb / 17P
   Dual Low Offset, Low Power Operational Amplifier
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
   Dual Low Offset Operational Amplifier
logo
Analog Devices
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
OP400 AD-OP400_07 Datasheet
389Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com