Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP484ES-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # OP484ES-REEL
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484ES-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button OP484ES-REEL Datasheet HTML 6Page - Analog Devices OP484ES-REEL Datasheet HTML 7Page - Analog Devices OP484ES-REEL Datasheet HTML 8Page - Analog Devices OP484ES-REEL Datasheet HTML 9Page - Analog Devices OP484ES-REEL Datasheet HTML 10Page - Analog Devices OP484ES-REEL Datasheet HTML 11Page - Analog Devices OP484ES-REEL Datasheet HTML 12Page - Analog Devices OP484ES-REEL Datasheet HTML 13Page - Analog Devices OP484ES-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
OP184/OP284/OP484
Rev. D | Page 10 of 24
300
270
240
210
180
150
120
90
60
0
30
10
1k
100k
10M
100
10k
1M
FREQUENCY (Hz)
VS = 5V
TA = 25°C
AV = +100
AV = +10
AV = +1
5
4
3
2
1
0
1k
100k
10M
10k
1M
FREQUENCY (Hz)
VS = 5V
VIN = 0.5V TO 4.5V
RL = 2kΩ
TA = 25°C
Figure 23. Output Impedance vs. Frequency
Figure 26. Maximum Output Swing vs. Frequency
300
270
240
210
180
150
120
90
60
0
30
10
1k
100k
10M
100
10k
1M
FREQUENCY (Hz)
VS = 15V
TA = 25°C
AV = +100
AV = +10
AV = +1
6
5
4
3
2
1
0
1k
100k
10M
10k
1M
FREQUENCY (Hz)
VS = 15V
VIN = ±14V
RL = 2kΩ
TA = 25°C
Figure 24. Output Impedance vs. Frequency
Figure 27. Maximum Output Swing vs. Frequency
300
270
240
210
180
150
120
90
60
0
30
10
1k
100k
10M
100
10k
1M
FREQUENCY (Hz)
VS = 3V
TA = 25°C
AV = +100
AV = +10
AV = +1
180
160
140
120
100
80
60
40
20
0
–20
10
100k
10M
1k
100
10k
1M
FREQUENCY (Hz)
VS = ±15V
VS = +5V
VS = +3V
TA = 25°C
Figure 25. Output Impedance vs. Frequency
Figure 28. CMRR vs. Frequency


Similar Part No. - OP484ES-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP484ES AD-OP484ES Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP484ES AD-OP484ES Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
More results

Similar Description - OP484ES-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP484 AD-OP484_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP196 AD-OP196 Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com