Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF14G Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SF14G
Description  GLASS PASSIVATED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SF14G Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SF14G Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SF14G Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
The plastic package carries underwrites laboratory
flammability classification 94V-O
High current capability
Low reverse leakage
Glass passivated junction
MECHANICAL DATA
Case:JEDEC DO-
41,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.01
2 ounces,0.34 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SF
13G
SF
14G
SF
15G
SF
16G
18G
SF
SF
17G
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximuminstantaneous forward voltage
@ 1.0 A
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=100
Typical junction capacitance
(Note
2)
CJ
pF
Operating junction temperature range
TJ
Storage temperature range
TSTG
IFSM
70
105
140
210
280
350
420
35
DO - 41
5.0
50
SF
11G
A
50.0
25.0
NOTE:
1. Measured with IF=0.5A,IR=1.0A,Irr=0.25A.
- 50 ---- + 175
- 50---- + 1
75
A
Low forward voltage drop
IF(AV)
GLASS PASSIVATED RECTIFIERS
VOLTAGE RANGE: 50 --- 600 V
CURRENT:
1.0 A
100
150
200
300
400
500
600
SF
12G
High temperature soldering guaranteed:
vvvvv350 /10 seconds, 0.375"(9.5mm) lead length,
wwc5lbs, (2.3kg) tension
GALAXY ELECTRICAL
A
50
IR
1.0
30.0
0.95
1.3
1.7
100.0
100
150
200
300
400
500
600
SF11G --- SF18G
BL
BLGALAXY ELECTRICAL
Document Number 02690
19
1.
www.galaxycn.com
VF
V
Maximum reverse recovery time (Note1)
2.Measured at 1.0MHz and applied reverse v oltage of 4.0V DC.
trr
35
ns


Similar Part No. - SF14G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF14G JGD-SF14G Datasheet
168Kb / 2P
   1.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Jinan Jing Heng Electro...
SF14G JINGHENG-SF14G Datasheet
59Kb / 2P
   SUPER FAST RECTIFIER
logo
Taiwan Semiconductor Co...
SF14G TSC-SF14G Datasheet
70Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Diode Semiconductor Kor...
SF14G DSK-SF14G Datasheet
277Kb / 2P
   SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF14G TSC-SF14G Datasheet
261Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF14G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
1N5400G TSC-1N5400G_14 Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
1N4001G HY-1N4001G Datasheet
35Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N5400G CTC-1N5400G Datasheet
184Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G_14 Datasheet
198Kb / 4P
   Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
   Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
   Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
GR301G DACO-GR301G Datasheet
853Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG_17 Datasheet
134Kb / 3P
   GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com