Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP279GS Datasheet(PDF) 3 Page - Analog Devices

Part # OP279GS
Description  Rail-to-Rail High Output Current Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP279GS Datasheet(HTML) 3 Page - Analog Devices

  OP279GS Datasheet HTML 1Page - Analog Devices OP279GS Datasheet HTML 2Page - Analog Devices OP279GS Datasheet HTML 3Page - Analog Devices OP279GS Datasheet HTML 4Page - Analog Devices OP279GS Datasheet HTML 5Page - Analog Devices OP279GS Datasheet HTML 6Page - Analog Devices OP279GS Datasheet HTML 7Page - Analog Devices OP279GS Datasheet HTML 8Page - Analog Devices OP279GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
OP179/OP279
–3–
REV. G
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 V
Differential Input Voltage
1 . . . . . . . . . . . . . . . . . . . . . . . . .
±1 V
Output Short-Circuit Duration to GND . . . . . . . . . . Indefinite
Storage Temperature Range
S, RT, RU Package . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP179G/OP279G . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range
S, RT, RU Package . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the OP179/OP279 features proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Package
Temperature Range
Package Description
Package Option
Brand Code
OP179GRT
–40
°C to +85°C
5-Lead SOT-23
RT-5
A2G
OP279GS
–40
°C to +85°C
8-Lead SOIC
SO-8
OP279GRU
–40
°C to +85°C
8-Lead TSSOP
RU-8
WARNING!
ESD SENSITIVE DEVICE
Package Types
JA
2
JC
Unit
5-Lead SOT-23 (RT)
256
81
°C/W
8-Lead SOIC (S)
158
43
°C/W
8-Lead TSSOP (RU)
240
43
°C/W
NOTES
1The inputs are clamped with back-to-back diodes. If the differential input voltage
exceeds 1 volt, the input current should be limited to 5 mA.
2
θ
JA is specified for the worst-case conditions, i.e.,
θ
JA is specified for device soldered
in circuit board for SOIC packages.


Similar Part No. - OP279GS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP279GS AD-OP279GS Datasheet
228Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. F
OP279GS AD-OP279GS Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GS AD-OP279GS Datasheet
239Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GS-REEL7 AD-OP279GS-REEL7 Datasheet
239Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GSZ AD-OP279GSZ Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
More results

Similar Description - OP279GS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP179 AD-OP179 Datasheet
228Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. F
OP279GSZ AD-OP279GSZ Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279 AD-OP279_15 Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
OP279GS-REEL7 AD-OP279GS-REEL7 Datasheet
239Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GRU-REEL AD-OP279GRU-REEL Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP179 AD-OP179_15 Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
   Output rail-to-rail operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com