Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS622424 Datasheet(PDF) 8 Page - Mosel Vitelic, Corp

Part # MS622424
Description  HIGH PERFORMANCE 8K x 24 BIT CMOS COLOR MAP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MS622424 Datasheet(HTML) 8 Page - Mosel Vitelic, Corp

Back Button MS622424 Datasheet HTML 3Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 4Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 5Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 6Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 7Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 8Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 9Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 10Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 11Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8-8
MS622424
MOSEL VITELIC
MS622424 Rev. 1.0 January 1995
Absolute Maximum Ratings*
Symbol
Parameter
Rating
Units
VDD
Supply Voltage
–0.5* to +7.0
V
VT
Terminal Voltage with
–0.5* to
V
Respect to VSS
VDD +0.5
PD
Power Dissipation
TBD
W
100% Duty Cycle
tOPR
Operating Temperature –10 to +85
°C
tSTG
Storage Temperature
–65 to +150
°C
*Note: Operation above absolute maximum rating can affect
device reliability.
Capacitance*
TA = 25°C, f = 1 MHz
Symbol
Parameter
Typ. Max. Unit
CIN
Input Capacitance
5
pF
(VIN = 0V)
COUT
Output Capacitance
8
pF
(VOUT = 0V)
*Note: These parameters are sampled and not 100% tested.
Recommended DC and Operating Characteristics
TA = 0°C to 70°C, VDD = 5.0V ± 5%, VSS = 0V, unless otherwise noted. See package thermal data on pg 10.
Symbol
Parameter
Min.
Max.
Units
Test Condition
VDD
Supply Voltage
4.75
5.25
V
VSS
Supply Voltage
0.0
0.0
V
VIH
Input High Voltage
2.2
VDD+.3
V
VIL
Input Low Voltage
–0.5*
+0.8
V
ILI
Input Leakage Current
–10
10
µA
VDD = 5.25V, VIN = VSS to VDD
ILO
Output Leakage Current
–10
10
µA
VOUT = VSS to VDD
IDD
Dynamic Operating Current
300
mA
Outputs Open, f = fmax
VOL
Output Low Voltage
0.4
V
Active Outputs Open,
IOL = 4.0 mA
VOH
Output High Voltage
2.4
V
IOH = –1.0 mA
* –3.5V for 20 ns pulse.
AC Test Conditions
(Applies to READ and WRITE Cycle Timing)
Input Pulse High Level
VIH = 3.0V
Input Pulse Low Level
VIL = 0.0V
Input Rise Time
tR = 3 ns
Input Fall Time
tF = 3 ns
Input and Output Reference Level
1.5V
Output Load
CL = 40pF, 1 TTL
VDD
5V ± 5%
TA
0° to +70°C
AC Test Loads
Signal transition times of 3 ns or less, timing
reference levels of 1.5V, input pulse levels of 0.0V
to 3.0V, output loading as shown in the diagram
below.
VDD
1000 Ohms
40 pF
667 Ohms
OUTPUT
Figure 2. Output Load


Similar Part No. - MS622424

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
MS62256H-15NC MOSEL-MS62256H-15NC Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
MS62256H-15RC MOSEL-MS62256H-15RC Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
MS62256H-20NC MOSEL-MS62256H-20NC Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - MS622424

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164_16 Datasheet
783Kb / 15P
   8K X 8 BIT HIGH SPEED CMOS SRAM
LY6164_1008 LYONTEK-LY6164_1008 Datasheet
234Kb / 13P
   8K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
AS7C164A ETC2-AS7C164A Datasheet
459Kb / 10P
   8K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY6564 LYONTEK-LY6564_12 Datasheet
330Kb / 12P
   8K X 8 BIT HIGH SPEED CMOS SRAM
LY65W64 LYONTEK-LY65W64_12 Datasheet
334Kb / 12P
   8K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Motorola, Inc
MCM56824A MOTOROLA-MCM56824A Datasheet
147Kb / 10P
   8K x 24 Bit Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com