Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28326OXCT Datasheet(PDF) 5 Page - SpectraLinear Inc

Part # CY28326OXCT
Description  FTG for VIA PT880 Serial Chipset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28326OXCT Datasheet(HTML) 5 Page - SpectraLinear Inc

  CY28326OXCT Datasheet HTML 1Page - SpectraLinear Inc CY28326OXCT Datasheet HTML 2Page - SpectraLinear Inc CY28326OXCT Datasheet HTML 3Page - SpectraLinear Inc CY28326OXCT Datasheet HTML 4Page - SpectraLinear Inc CY28326OXCT Datasheet HTML 5Page - SpectraLinear Inc CY28326OXCT Datasheet HTML 6Page - SpectraLinear Inc CY28326OXCT Datasheet HTML 7Page - SpectraLinear Inc CY28326OXCT Datasheet HTML 8Page - SpectraLinear Inc CY28326OXCT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CY28326
Rev 1.0, November 20, 2006
Page 5 of 22
Byte Configuration Map
46
Acknowledge from slave
38
Acknowledge
....
Data Byte /Slave Acknowledges
46:39
Data byte 1 from slave – 8 bits
....
Data Byte N –8 bits
47
Acknowledge
....
Acknowledge from slave
55:48
Data byte 2 from slave – 8 bits
....
Stop
56
Acknowledge
....
Data bytes from slave / Acknowledge
....
Data Byte N from slave – 8 bits
....
NOT Acknowledge
...
Stop
Table 5. Block Read and Block Write protocol (continued)
Table 6. Byte Read and Byte Write protocol
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1Start
1Start
8:2
Slave address – 7 bits
8:2
Slave address – 7 bits
9Write
9Write
10
Acknowledge from slave
10
Acknowledge from slave
18:11
Command Code – 8 bits
18:11
Command Code – 8 bits
19
Acknowledge from slave
19
Acknowledge from slave
27:20
Data byte – 8 bits
20
Repeated start
28
Acknowledge from slave
27:21
Slave address – 7 bits
29
Stop
28
Read
29
Acknowledge from slave
37:30
Data from slave – 8 bits
38
NOT Acknowledge
39
Stop
Byte 0: Control Register
Bit
@Pup
Name/Pin Affected
Description
7
HW
FSD
HW Frequency selection bits [3:0]. See table 2.
Power up latched value
6HW
FSC
5HW
FSB
4HW
FSA
3
0
Test bit
Don’t change, Default =0
2
1
CPU[T/C]2
CPU[T/C]2 Output Enable
0 = Disabled (tri-sate), 1 = Enabled
1
1
CPU[T/C]1
CPU[T/C]1 Output Enable
0 = Disabled (tri-sate), 1 = Enabled
0
1
CPU[T/C]0
CPU[T/C]0 Output Enable
0 = Disabled (tri-sate), 1 = Enabled


Similar Part No. - CY28326OXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28326OXCT CYPRESS-CY28326OXCT Datasheet
288Kb / 23P
   FTG for VIA PT880 Serial Chipset
More results

Similar Description - CY28326OXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28326 CYPRESS-CY28326 Datasheet
288Kb / 23P
   FTG for VIA PT880 Serial Chipset
W210 CYPRESS-W210 Datasheet
162Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
W311 CYPRESS-W311 Datasheet
347Kb / 19P
   FTG for VIA Pro-266 DDR Chipset
W230-03 CYPRESS-W230-03 Datasheet
175Kb / 15P
   Spread Spectrum FTG for VIA K7 Chipset
W210H CYPRESS-W210H Datasheet
165Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
logo
Silicon Laboratories
W311 SILABS-W311 Datasheet
462Kb / 19P
   FTG for VIA??Pro-266 DDR Chipset
logo
Cypress Semiconductor
W311 CYPRESS-W311_05 Datasheet
371Kb / 19P
   FTG for VIA??Pro-266 DDR Chipset
logo
SpectraLinear Inc
W311 SPECTRALINEAR-W311 Datasheet
249Kb / 18P
   FTG for VIA??Pro-266 DDR Chipset
CY28312B-2 SPECTRALINEAR-CY28312B-2 Datasheet
189Kb / 17P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
W312-02 SPECTRALINEAR-W312-02 Datasheet
193Kb / 19P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com