Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28341ZC-2T Datasheet(PDF) 9 Page - SpectraLinear Inc

Part # CY28341ZC-2T
Description  Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28341ZC-2T Datasheet(HTML) 9 Page - SpectraLinear Inc

Back Button CY28341ZC-2T Datasheet HTML 5Page - SpectraLinear Inc CY28341ZC-2T Datasheet HTML 6Page - SpectraLinear Inc CY28341ZC-2T Datasheet HTML 7Page - SpectraLinear Inc CY28341ZC-2T Datasheet HTML 8Page - SpectraLinear Inc CY28341ZC-2T Datasheet HTML 9Page - SpectraLinear Inc CY28341ZC-2T Datasheet HTML 10Page - SpectraLinear Inc CY28341ZC-2T Datasheet HTML 11Page - SpectraLinear Inc CY28341ZC-2T Datasheet HTML 12Page - SpectraLinear Inc CY28341ZC-2T Datasheet HTML 13Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CY28341-2
Rev 1.0, November 21, 2006
Page 9 of 18
Spread Spectrum Clock Generation (SSCG)
Spread Spectrum is enabled/disabled via SMBus register Byte
1, Bit 7.
System Self Recovery Clock Management
This feature is designed to allow the system designer to
change frequency while the system is running and reboot the
operation of the system in case of a hang up due to the
frequency change.
When the system sends an SMBus command requesting a
frequency change through Byte 4 or through bytes 13 and 14,
it must have previously sent a command to byte 12, for
selecting which time out stamp the Watchdog must perform,
otherwise the System Self Recovery feature will not be appli-
cable. Consequently, this device will change frequency and
then the Watchdog timer starts timing. Meanwhile, the system
BIOS is running its operation with the new frequency. If this
device receives a new SMBus command to clear the bits origi-
nally programmed in Byte 12, bits (3:0) (reprogram to 0000),
before the Watchdog times out, then this device will keep
operating in its normal condition with the new selected
frequency. If the Watchdog times out the first time before the
new SMBus reprograms Byte 12, bits (3:0) to (0000), then this
device will send a low system reset pulse, on SRESET# (see
byte12, bit7), and changes WD alarm (Byte12, Bit4) status to
“1” then restarts the Watchdog timer again. If the Watchdog
times out a second time, then this device will send another low
pulse on SRESET#, will relatch original hardware strapping
frequency (or second to last software selected frequency, see
byte12, bit6) selection, set WD alarm bit (Byte12, bit4) to ‘1,’
then start WD timer again. The above-described sequence will
keep repeating until the BIOS clears the SMBus byte12 bits
(3:0). Once the BIOS sets Byte 12 bits (3:0) = 0000, then the
Watchdog timer is turned off and the WD alarm bit (Byte 12,
bit4) is reset to ‘0.’
Table 9. Spread Spectrum Table
Mode
SST1
SST0
% Spread
0
0
0
+0.14, –1.23
0
0
1
+0, –1.00
0
1
0
+0, –0.60
0
1
1
+0, –0.52
1
0
0
+0.72, –0.71
1
0
1
+0.47, –0.49
1
1
0
+0.34, –0.33
1
1
1
+0.30, –0.28
Swing Select Functions Through Hardware
MULTSEL
Board Target
Trace/Term Z
Reference R,
IREF = VDD/(3*Rr)
Output Current
VOH@Z
0
50 Ohm
Rr = 221 1%,
IREF = 5.00 mA
IOH = 4* Iref
1.0V@50
1
50 Ohm
Rr = 475 1%,
IREF = 2.32 mA
IOH = 6* Iref
0.7V@50


Similar Part No. - CY28341ZC-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28341ZC-2T CYPRESS-CY28341ZC-2T Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
More results

Similar Description - CY28341ZC-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2_05 Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
CY28341-2 CYPRESS-CY28341-2 Datasheet
174Kb / 19P
   Universal Clock Chip for VIA P4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341-3 SPECTRALINEAR-CY28341-3 Datasheet
263Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
Cypress Semiconductor
CY28341-3 CYPRESS-CY28341-3 Datasheet
349Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
SpectraLinear Inc
CY28341 SPECTRALINEAR-CY28341 Datasheet
264Kb / 19P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 SPECTRALINEAR-CY28347 Datasheet
230Kb / 21P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com