Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28346ZC Datasheet(PDF) 5 Page - SpectraLinear Inc

Part # CY28346ZC
Description  Clock Synthesizer with Differential CPU Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28346ZC Datasheet(HTML) 5 Page - SpectraLinear Inc

  CY28346ZC Datasheet HTML 1Page - SpectraLinear Inc CY28346ZC Datasheet HTML 2Page - SpectraLinear Inc CY28346ZC Datasheet HTML 3Page - SpectraLinear Inc CY28346ZC Datasheet HTML 4Page - SpectraLinear Inc CY28346ZC Datasheet HTML 5Page - SpectraLinear Inc CY28346ZC Datasheet HTML 6Page - SpectraLinear Inc CY28346ZC Datasheet HTML 7Page - SpectraLinear Inc CY28346ZC Datasheet HTML 8Page - SpectraLinear Inc CY28346ZC Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
CY28346
Rev 1.0, November 24, 2006
Page 5 of 19
Byte 6: Silicon Signature Register[4] (all bits are Read-only)
Bit
@Pup
Pin#
Description
7
0
Revision = 0001
60
50
41
3
0
Vendor Code = 0011
20
11
01
Byte 7: Reserved Register
Bit
@Pup
Pin#
Description
7
0
Reserved. Set = 0.
6
0
Reserved. Set = 0.
5
0
Reserved. Set = 0.
4
0
Reserved. Set = 0.
3
0
Reserved. Set = 0.
2
0
Reserved. Set = 0.
1
0
Reserved. Set = 0.
0
0
Reserved. Set = 0.
Byte 8: Dial-a-Frequency Control Register N
Bit
@Pup
Name
Description
7
0
Reserved. Set = 0.
6
0
N6, MSB
These bits are for programming the PLL’s internal N register. This access allows the user to
modify the CPU frequency at very high resolution (accuracy). All other synchronous clocks
(clocks that are generated from the same PLL, such as PCI) remain at their existing ratios
relative to the CPU clock.
50
N5
40
N4
30
N3
20
N2
10
N3
00
N0, LSB
Byte 9: Dial-a-Frequency Control Register R
Bit
@Pup
Name
Description
70
Reserved. Set = 0.
6
0
R5, MSB
These bits are for programming the PLL’s internal R register. This access allows the user to
modify the CPU frequency at very high resolution (accuracy). All other synchronous clocks
(clocks that are generated from the same PLL, such as PCI) remain at their existing ratios
relative to the CPU clock.
50
R4
40
R3
30
R2
20
R1
10
R0
00
DAF_ENB
R and N register mux selection. 0 = R and N values come from the ROM. 1 = data is loaded
from DAF (SMBus) registers.
Note:
4. When writing to this register, the device will acknowledge the Write operation, but the data itself will be ignored.


Similar Part No. - CY28346ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28346ZC CYPRESS-CY28346ZC Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28346ZC CYPRESS-CY28346ZC Datasheet
274Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346ZC SILABS-CY28346ZC Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346ZC-2 CYPRESS-CY28346ZC-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346ZC-2 SPECTRALINEAR-CY28346ZC-2 Datasheet
168Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results

Similar Description - CY28346ZC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346 Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346 SILABS-CY28346 Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346-2 SPECTRALINEAR-CY28346-2 Datasheet
168Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346_05 Datasheet
274Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com