Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM12H458CIVX Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12H458CIVX
Description  12-Bit Sign Data Acquisition System with Self-Calibration
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12H458CIVX Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM12H458CIVX Datasheet HTML 1Page - National Semiconductor (TI) LM12H458CIVX Datasheet HTML 2Page - National Semiconductor (TI) LM12H458CIVX Datasheet HTML 3Page - National Semiconductor (TI) LM12H458CIVX Datasheet HTML 4Page - National Semiconductor (TI) LM12H458CIVX Datasheet HTML 5Page - National Semiconductor (TI) LM12H458CIVX Datasheet HTML 6Page - National Semiconductor (TI) LM12H458CIVX Datasheet HTML 7Page - National Semiconductor (TI) LM12H458CIVX Datasheet HTML 8Page - National Semiconductor (TI) LM12H458CIVX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Converter Characteristics (Notes 6, 7, 8, 9) (Continued)
The following specifications apply to the LM12454, LM12458, and LM12H458 for V
A+=VD+ = 5V, VREF+ = 5V, VREF− = 0V,
12-bit + sign conversion mode, f
CLK = 8.0 MHz (LM12H458) or fCLK = 5.0 MHz (LM12454/8), RS =25
Ω, source impedance for
V
REF+ and VREF−
≤ 25Ω, fully-differential input with fixed 2.5V common-mode voltage, and minimum acquisition time unless
otherwise specified. Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
DNL
8-Bit + Sign and “Watchdog” Mode
Differential Non-Linearity
±3/4
LSB (max)
8-Bit + Sign and “Watchdog” Mode
Zero Error
After Auto-Zero
±1/2
LSB (max)
8-Bit + Sign and “Watchdog” Full-Scale
Error
±1/2
LSB (max)
8-Bit + Sign and “Watchdog” Mode
DC Common Mode Error
±1/8
LSB
Multiplexer Channel-to-Channel
Matching
±0.05
LSB
V
IN+
Non-Inverting Input Range
GND
V
A+
V (min)
V (max)
V
IN−
Inverting Input Range
GND
V
A+
V (min)
V (max)
V
IN+ −VIN−
Differential Input Voltage Range
−V
A
+
V
A+
V (min)
V (max)
Common Mode Input Voltage Range
GND
V
A+
V (min)
V (max)
PSS
Power Supply
Sensitivity (Note
15)
Zero Error
V
A+=VD+=5V ±10%
±0.2
±1.75
LSB (max)
Full-Scale Error
V
REF+ = 4.5V, VREF− = GND
±0.4
±2
LSB (max)
Linearity Error
±0.2
LSB
C
REF
V
REF+/VREF− Input Capacitance
85
pF
C
IN
Selected Multiplexer Channel Input
Capacitance
75
pF
Converter AC Characteristics (Notes 6, 7, 8, 9)
The following specifications apply to the LM12454, LM12458, and LM12H458 for V
A+=VD+ = 5V, VREF+ = 5V, VREF− = 0V,
12-bit + sign conversion mode, f
CLK = 8.0 MHz (LM12H458) or fCLK = 5.0 MHz (LM12454/8), RS =25
Ω, source impedance for
V
REF+ and VREF−
≤ 25Ω, fully-differential input with fixed 2.5V common-mode voltage, and minimum acquisition time unless
otherwise specified. Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits (Note 11)
Units
Clock Duty Cycle
50
40
60
%
% (min)
% (max)
t
C
Conversion Time
13-Bit Resolution, Sequencer
State S5 (Figure 15)
44 (t
CLK)
44 (t
CLK)+50ns
(max)
9-Bit Resolution, Sequencer State
S5 (Figure 15)
21 (t
CLK)
21 (t
CLK)+50ns
(max)
t
A
Acquisition Time
Sequencer State S7 (Figure 15)
Built-in minimum for 13-Bits
9(t
CLK)
9(t
CLK)+50ns
(max)
Built-in minimum for 9-Bits and
“Watchdog” mode
2(t
CLK)
2(t
CLK)+50ns
(max)
t
Z
Auto-Zero Time
Sequencer State S2 (Figure 15)76 (t
CLK)
76 (t
CLK)+50ns
(max)
t
CAL
Full Calibration Time
Sequencer State S2 (Figure 15)
4944 (t
CLK)
4944 (t
CLK)+50ns
(max)
Throughput Rate (Note 18)
89
88
kHz (min)
LM12H458
142
140
kHz (min)
www.national.com
5


Similar Part No. - LM12H458CIVX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12H458CIV NSC-LM12H458CIV Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12H458CIV TI1-LM12H458CIV Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12H458CIV TI1-LM12H458CIV Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
LM12H458CIV/NOPB TI1-LM12H458CIV/NOPB Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
LM12H458CIVF NSC-LM12H458CIVF Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12H458CIVX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com