Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28346ZC-2 Datasheet(PDF) 1 Page - SpectraLinear Inc

Part # CY28346ZC-2
Description  Clock Synthesizer with Differential CPU Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28346ZC-2 Datasheet(HTML) 1 Page - SpectraLinear Inc

  CY28346ZC-2 Datasheet HTML 1Page - SpectraLinear Inc CY28346ZC-2 Datasheet HTML 2Page - SpectraLinear Inc CY28346ZC-2 Datasheet HTML 3Page - SpectraLinear Inc CY28346ZC-2 Datasheet HTML 4Page - SpectraLinear Inc CY28346ZC-2 Datasheet HTML 5Page - SpectraLinear Inc CY28346ZC-2 Datasheet HTML 6Page - SpectraLinear Inc CY28346ZC-2 Datasheet HTML 7Page - SpectraLinear Inc CY28346ZC-2 Datasheet HTML 8Page - SpectraLinear Inc CY28346ZC-2 Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Clock Synthesizer with Differential CPU Outputs
CY28346-2
Rev 1.0, November 20, 2006
Page 1 of 19
2200 Laurelwood Road, Santa Clara, CA 95054
Tel:(408) 855-0555
Fax:(408) 855-0550
www.SpectraLinear.com
Features
• Compliant with Intel® CK 408 Mobile Clock Synthesizer
specifications
• 3.3V power supply
• 3 differential CPU clocks
• 10 copies of PCI clocks
• 5/6 copies of 3V66 clocks
• SMBus support with Read Back capabilities
• Spread Spectrum electromagnetic interference (EMI)
reduction
• Dial-a-Frequency features
• Dial-a-dB™ features
• Extended operating temperature range, 0 C to 85 C
• 56-pin TSSOP packages
Note:
1. TCLK is a test clock driven on the XTAL_IN input during test mode. M = driven to a level between 1.0V and 1.8V. If the S2 pin is at a M level during power-up, a
0 state will be latched into the devices internal state register.
Table 1. Frequency Table[1]
S2
S1
S0
CPU
(0:2)
3V66
66BUFF(0:2)/
3V66(0:4)
66IN/
3V66-5
PCIF/PCI
REF
USB/
DOT
1
0
0
66M
66M
66IN
66-MHz clock input
66IN/2
14.318M
48M
1
0
1
100M
66M
66IN
66-MHz clock input
66IN/2
14.318M
48M
1
1
0
200M
66M
66IN
66-MHz clock input
66IN/2
14.318M
48M
1
1
1
133M
66M
66IN
66-MHz clock input
66IN/2
14.318M
48M
0
0
0
66M
66M
66M
66M
33 M
14.318M
48M
0
0
1
100M
66M
66M
66M
33 M
14.318M
48M
0
1
0
200M
66M
66M
66M
33 M
14.318M
48M
0
1
1
133M
66M
66M
66M
33 M
14.318M
48M
M
0
0
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
M
0
1
TCLK/2
TCLK/4
TCLK/4
TCLK/4
TCLK/8
TCLK
TCLK/2
PLL1
PLL2
/2
WD
Logic
Power
Up Logic
XIN
XOUT
CPU_STP#
IREF
VSSIREF
S(0:2)
MULT0
VTT_PWRGD#
PCI_STP#
PD#
SDATA
SCLK
VDDA
66B[0:2]/3V66[2:4]
48M_DOT
48M_USB
PCI_F(0:2)
PCI(0:6)
3V66_1/VCH
3V66_0
CPUC(0:2)
CPUT(0:2)
REF
66IN/3V66-5
I2C
Logic
VDD
XIN
XOUT
VSS
PCIF0
PCIF1
PCIF2
VDD
VSS
PCI0
PCI1
PCI2
PCI3
VDD
VSS
PCI4
PCI5
PCI6
VDD
VSS
66B0/3V66_2
66B1/3V66_3
66B2/3V66_4
66IN/3V66_5
PD#
VDDA
VSSA
VTT_PWRGD#
REF
S1
S0
CPU_STP#
CPUT0
CPUC0
VDD
CPUT1
CPUC1
VSS
VDD
CPUT2
CPUC2
MULT0
IREF
VSSIREF
S2
48M_USB
48M_DOT
VDD
VSS
3V66_1/VCH
PCI_STP#
3V66_0
VDD
VSS
SCLK
SDATA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
Block Diagram
Pin Configuration


Similar Part No. - CY28346ZC-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28346ZC-2 CYPRESS-CY28346ZC-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28346ZC-2 CYPRESS-CY28346ZC-2 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346ZC-2 SILABS-CY28346ZC-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346ZC-2T CYPRESS-CY28346ZC-2T Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28346ZC-2T CYPRESS-CY28346ZC-2T Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
More results

Similar Description - CY28346ZC-2

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346 Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346 SPECTRALINEAR-CY28346 Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346 SILABS-CY28346 Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28346 CYPRESS-CY28346_05 Datasheet
274Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com