Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28347OCT Datasheet(PDF) 10 Page - SpectraLinear Inc

Part # CY28347OCT
Description  Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28347OCT Datasheet(HTML) 10 Page - SpectraLinear Inc

Back Button CY28347OCT Datasheet HTML 6Page - SpectraLinear Inc CY28347OCT Datasheet HTML 7Page - SpectraLinear Inc CY28347OCT Datasheet HTML 8Page - SpectraLinear Inc CY28347OCT Datasheet HTML 9Page - SpectraLinear Inc CY28347OCT Datasheet HTML 10Page - SpectraLinear Inc CY28347OCT Datasheet HTML 11Page - SpectraLinear Inc CY28347OCT Datasheet HTML 12Page - SpectraLinear Inc CY28347OCT Datasheet HTML 13Page - SpectraLinear Inc CY28347OCT Datasheet HTML 14Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
CY28347
Rev 1.0, November 20, 2006
Page 10 of 21
P4 Mode CPU at 0.7V
TDC
CPUT/C Duty Cycle
45554555
45
55
45
55
% 5,6,10,14,15
TPeriod
CPUT/C Period
14.85
15.3
9.85
10.2
7.35
7.65
4.85
5.1
ns 5,6,10,14,15
Tr/Tf
CPUT/C Rise and Fall
Times
175
700
175
700
175
700
175
700
ps 15,16
Rise/Fall Matching
20%
20%
20%
20%
16,17
Delta Tr/Tf Rise/Fall Time Variation
125
125
125
125
ps 10,15,16,18
TSKEW
CPUT/C to CPUCS_T/C
Clock Skew
100
100
100
100
ps 10,11,12,14,1
5
TCCJ
CPUT/C Cycle-to-Cycle
Jitter
150
150
150
150
ps 6,10,11,12,14,
15
Vcross
Crossing Point Voltage
280
430
280
430
280
430
280
430
mV 15.
P4 Mode CPU at 1.0V
TDC
CPUT/C Duty Cycle
45554555
45
55
45
55
% 5,10,6,14
TPeriod
CPUT/C Period
14.85
15.3
9.85
10.2
7.35
7.65
4.85
5.1
nS 5,10,6,14
Differ-
ential Tr/Tf
CPUT/C Rise and Fall
Times
175
467
175
467
175
467
175
467
ps 10,11,19
Delta Tr/Tf Rise/Fall Time Variation
125
125
125
125
ps 10,18
TSKEW
CPUT/C to CPUCS_T/C
Clock Skew
100
100
100
100
ps 10,11,12,14
TCCJ
CPUT/C Cycle-to-Cycle
Jitter
150
150
150
150
ps 10,11,12,14
Vcross
Crossing Point Voltage
510
760
510
760
510
760
510
760
mV 19
SE-
DeltaSlew
Absolute Single-ended
Rise/Fall Waveform
Symmetry
325
325
325
325
ps 20
K7 Mode
TDC
CPUOD_T/C Duty Cycle
45554555
45
55
45
55
% 5,6,10
TPeriod
CPUOD_T/C Period
14.85
15.3
9.85
10.2
7.35
7.65
4.85
5.1
ns 5,6,10
TLOW
CPUOD_T/C LOW Time
2.8
2.8
1.67
2.8
ns 5,6,10
Tf
CPUOD_T/C Fall Time
0.4
1.6
0.4
1.6
0.4
1.6
0.4
1.6
ns 5,10,21
TCCJ
CPUOD_T/C
Cycle-to-Cycle Jitter
±250
±250
±250
±250
ps 6,10
VD
Differential Voltage AC
.4
Vp+.6V
.4
Vp+.6V
.4
Vp+.6V
.4
Vp+.6V
V 22
VX
Differential Crossover
Voltage
500
1100
500
1100
500
1100
500
1100
mV 23
Chipset
TDC
CPUCS_T/C Duty Cycle
45
55
45
55
45
55
45
55
% 5,10,6
Notes:
14. Measured at VX between the rising edge and the following falling edge of the signal.
15. Determined as a fraction of 2*(Trise-Tfall)/(Trise+Tfall).
16. See figure 6 for 0.7V loading specification.
17. Measurement taken from differential waveform, from -0.35V to +0.35V.
18. The time specified is measured from when all VDD’s reach their respective supply rail (3.3V and 2.5V) till the frequency output is stable and operating within
specifications.
19. Ideally the probes should be placed on the pins. If there is a transmission line between the test point and the pin for one signal of the pair (e.g., CPU), you should
add the same length transmission line to the other signal of the pair (e.g., AGP).
20. Measured in absolute voltage, i.e., single-ended measurement.
21. Probes are placed on the pins, and measurements are acquired at 1.5V for 3.3V signals and at 1.25V for 2.5V, and 50% point for differential signals.
22. Measured at VX, or where subtraction of CLK–CLK# crosses 0 volts.
23. VD is the magnitude of the difference between the measured voltage level on a DDRT (and CPUCS_T) clock and the measured voltage level on its complementary
DDRC (and CPUCS_C) one.
AC Parameters (continued)
Parameter
Description
66 MHz
100 MHz
133 MHz
200 MHz
Unit
Notes
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.


Similar Part No. - CY28347OCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28347OCT CYPRESS-CY28347OCT Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
More results

Similar Description - CY28347OCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28341 SPECTRALINEAR-CY28341 Datasheet
264Kb / 19P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28341-2 CYPRESS-CY28341-2 Datasheet
174Kb / 19P
   Universal Clock Chip for VIA P4M/KT/KM400 DDR Systems
CY28341-3 CYPRESS-CY28341-3 Datasheet
349Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
SpectraLinear Inc
CY28341-3 SPECTRALINEAR-CY28341-3 Datasheet
263Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2_05 Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341-2 SPECTRALINEAR-CY28341-2 Datasheet
228Kb / 18P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
Texas Instruments
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com