Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28347OCT Datasheet(PDF) 3 Page - SpectraLinear Inc

Part # CY28347OCT
Description  Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28347OCT Datasheet(HTML) 3 Page - SpectraLinear Inc

  CY28347OCT Datasheet HTML 1Page - SpectraLinear Inc CY28347OCT Datasheet HTML 2Page - SpectraLinear Inc CY28347OCT Datasheet HTML 3Page - SpectraLinear Inc CY28347OCT Datasheet HTML 4Page - SpectraLinear Inc CY28347OCT Datasheet HTML 5Page - SpectraLinear Inc CY28347OCT Datasheet HTML 6Page - SpectraLinear Inc CY28347OCT Datasheet HTML 7Page - SpectraLinear Inc CY28347OCT Datasheet HTML 8Page - SpectraLinear Inc CY28347OCT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
CY28347
Rev 1.0, November 20, 2006
Page 3 of 21
6
MODE/AGP0
VDDAGP I/O
PU
Power-on Bidirectional Input/Output. At power-up, MODE is an input and
becomes AGP0 output after the power supply voltage crosses the input threshold
voltage. Must have 10K
resistor to VSS. See Table 2.
8
PCI_STP#
VDDAGP
I
PU
If pin 6 is pulled down at power on reset, then this pin becomes PCI_STP#.
When PCI_STP# is asserted LOW, then all of the PCI signals, except the PCI_F,
stops at the next HIGH to LOW transition or stays LOW if it already is LOW.
25
IREF
I
Current reference programming input for CPU buffers. A precise resistor is
attached to this pin, which is connected to the internal current reference.
28
SDATA
I/O Serial Data Input. Conforms to the SMBus specification of a Slave
Receive/Transmit device. It is an input when receiving data. It is an open drain output
when acknowledging or transmitting data.
27
SCLK
I
Serial Clock Input. Conforms to the SMBus specification.
26
PD#
I
PU
When PD# is asserted LOW, the device enters power down mode. See power
management function.
45
BUF_IN
I
2.5V CMOS type input to the DDR differential buffers.
46
FBOUT
O
This is the single-ended, SDRAM buffered output of the signal applied at
BUF_IN. It is in phase with the DDRT(0:5) signals.
5
VDDAGP
3.3V power supply for AGP clocks.
51
VDDC
3.3V power supply for CPU (T: C) clocks.
16
VDDPCI
3.3V power supply for PCI clocks.
55
VDDR
3.3V power supply for REF clock.
50
VDDI
2.5V power supply for CPUCS_T/C clocks.
22
VDD48M
3.3V power supply for 48M.
23
VDD
3.3V Common power supply.
34,40
VDDD
2.5V power supply for DDR clocks.
9
VSSAGP
Ground for AGP clocks.
13
VSSPCI
Ground for PCI clocks.
54
VSSC
Ground for CPU (T:C) clocks.
33,39
VSSD
Ground for DDR clocks.
19
VSS48M
Ground for 48M clock.
47
VSSI
Ground for CPUCS_T/C clocks.
24
VSS
Common ground.
Pin Description (continued)[2]
Pin
Name
PWR
I/O
Description
Table 2. MODE Pin-Power Management Input Control
MODE, Pin 6
(Latched Input)
Pin 26
Pin 18
Pin 8
0
PD#
CPU_STP#
PCI_STP#
Invalid
Reserved
Reserved
Reserved
Table 3. Swing Select Functions Through Hardware
MULTSEL
Board Target
Trace/Term Z
Reference R,
IREF = VDD/(3*Rr)
Output Current
VOH@Z
0
50 Ohm
Rr = 221 1%,
IREF = 5.00 mA
IOH = 4* Iref
1.0V@50
1
50 Ohm
Rr = 475 1%,
IREF = 2.32 mA
IOH = 6* Iref
0.7V@50


Similar Part No. - CY28347OCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28347OCT CYPRESS-CY28347OCT Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
More results

Similar Description - CY28347OCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28341 SPECTRALINEAR-CY28341 Datasheet
264Kb / 19P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28341-2 CYPRESS-CY28341-2 Datasheet
174Kb / 19P
   Universal Clock Chip for VIA P4M/KT/KM400 DDR Systems
CY28341-3 CYPRESS-CY28341-3 Datasheet
349Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
SpectraLinear Inc
CY28341-3 SPECTRALINEAR-CY28341-3 Datasheet
263Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2_05 Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341-2 SPECTRALINEAR-CY28341-2 Datasheet
228Kb / 18P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
Texas Instruments
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com