Part Name
         Description
CY28349B

 FTG for Intel® Pentium® 4 CPU and Chipsets ( 20 Page)


SPECTRALINEAR
100% 
Zoom Out Zoom In
 6 page
background image
CY28349B
Rev 1.0, November 20, 2006
Page 6 of 20
Data Byte Configuration Map
9Write
9Write
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bits
‘1xxxxxxx’ stands for byte operation
bit[6:0] of the command code represents the offset
of the byte to be accessed
11:18
Command Code – 8 bits
‘1xxxxxxx’ stands for byte operation
bit[6:0] of the command code represents the offset
of the byte to be accessed
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Data byte – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29
Stop
28
Read
29
Acknowledge from slave
30:37
Data byte from slave – 8 bits
38
Not Acknowledge
39
Stop
Table 3. Byte Read and Byte Write Protocol (continued)
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
Data Byte 0
Bit
Pin#
Name
Description
Power On
Default
Bit 7
Spread Select2
‘000’ = OFF
‘001’ = Reserved
‘010’ = Reserved
‘011’ = Reserved
‘100’ = ± 0.25%
‘101’ = – 0.5%
‘110’ = ±0.5%
‘111’ = ±0.38%
0
Bit 6
Spread Select1
0
Bit 5
Spread Select0
0
Bit 4
SEL4
SW Frequency selection bits. See
Table 4.0
Bit 3
SEL3
0
Bit 2
SEL2
0
Bit 1
SEL1
0
Bit 0
SEL0
0
Data Byte 1
Bit
Pin#
Name
Description
Power On
Default
Bit 7
38, 37
CPU1, CPU1#
(Active/Inactive)
1
Bit 6
41, 40
CPU0, CPU0#
(Active/Inactive)
1
Bit 5
22
48MHz
(Active/Inactive)
1
Bit 4
23
24_48MHz
(Active/Inactive)
1
Bit 3
27
3V66_3
(Active/Inactive)
1
Bit 2
28
3V66_2
(Active/Inactive)
1
Bit 1
30
3V66_1
(Active/Inactive)
1
Bit 0
31
3V66_0
(Active/Inactive)
1
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CY28323PVCFTG for Intel® Pentium® 4 CPU and Chipsets 1 2 3 4 5 MoreSpectraLinear Inc
CY28324FTG for Intel® Pentium® 4 CPU and Chipsets 1 2 3 4 5 MoreSpectraLinear Inc
CY28349FTG for Intel® Pentium® 4 CPU and Chipsets 1 2 3 4 5 MoreSpectraLinear Inc
CY28344FTG for Intel Pentium 4 CPU and Chipsets 1 2 3 4 5 MoreSpectraLinear Inc
CY28317-2FTG for Mobile VIA™ PL133T and PLE133T Chipsets 1 2 3 4 5 MoreSpectraLinear Inc
8224CLOCK GENERATOR AND DRIVER FOR 8080A CPU 1 2 3 4 5 Intel Corporation
CY2277APentium®/II 6x86 K6 Clock Synthesizer/Driver for Desktop/ Mobile PCs with Intel® 82430TX and 2 DIMMs or 3 SO-DIMMs 1 2 3 4 5 MoreSpectraLinear Inc
E7520For Intel® XeonTM Processor and Low Voltage Intel® XeonTM Processor with 800 MHz System Bus 1 2 3 4 Intel Corporation
ICS9FG107Programmable FTG for Differential P4TM CPU PCI-Express & SATA Clocks 1 2 3 4 5 MoreIntegrated Device Technology
75KTA162134Network Search Engine Development Board for the Intel® IXDP2401 IXDP2801 and IXDP2851 Development Platforms 1 2 Integrated Device Technology

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl