Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28347ZCT Datasheet(PDF) 11 Page - SpectraLinear Inc

Part # CY28347ZCT
Description  Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28347ZCT Datasheet(HTML) 11 Page - SpectraLinear Inc

Back Button CY28347ZCT Datasheet HTML 7Page - SpectraLinear Inc CY28347ZCT Datasheet HTML 8Page - SpectraLinear Inc CY28347ZCT Datasheet HTML 9Page - SpectraLinear Inc CY28347ZCT Datasheet HTML 10Page - SpectraLinear Inc CY28347ZCT Datasheet HTML 11Page - SpectraLinear Inc CY28347ZCT Datasheet HTML 12Page - SpectraLinear Inc CY28347ZCT Datasheet HTML 13Page - SpectraLinear Inc CY28347ZCT Datasheet HTML 14Page - SpectraLinear Inc CY28347ZCT Datasheet HTML 15Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
CY28347
Rev 1.0, November 20, 2006
Page 11 of 21
TPeriod
CPUCS_T/C Period
15
15.5
10.0
10.5
7.35
7.65
4.85
5.1
ns 5,10,6
Tr / Tf
CPUCS_T/C Rise and
Fall Times
0.4
1.6
0.4
1.6
0.4
1.6
0.4
1.6
ns 5,10,21
VD
Differential Voltage AC
0.4
Vp+
0.6V
0.4
Vp+
0.6V
0.4
Vp+
0.6V
0.4
Vp+
0.6V
V24
VX
Differential Crossover
Voltage
0.5*VD
DI–0.2
0.5*VD
DI+0.2
0.5*VD
DI–0.2
0.5*VD
DI+0.2
0.5*VD
DI–0.2
0.5*VD
DI+0.2
0.5*VD
DI–0.2
0.5*VD
DI+0.2
V14
AGP
TDC
AGP(0:2) Duty Cycle
45
55
45
55
45
55
45
55
% 5,6,10
TPeriod
AGP(0:2) Period
15
16
15
16
15
16
15
16
ns 5,6,10
THIGH
AGP(0:2) HIGH Time
5.25
5.25
5.25
5.25
ns 10,25
TLOW
AGP(0:2) LOW Time
5.05
5.05
5.05
5.05
ns 10,18
Tr/Tf
AGP(0:2) Rise and Fall
Times
0.4
1.6
0.4
1.6
0.4
1.6
0.4
1.6
ns 10,21
TSKEW
Any AGP to Any AGP
Clock Skew
250
250
250
250
ps 10,11,12
TCCJ
AGP(0:2) Cycle-to-Cycle
Jitter
500
500
500
500
ps 6,10,11,12
PCI
TDC
PCI(_F,1:6) Duty Cycle
45554555
45
55
45
55
% 5,6,10
TPeriod
PCI(_F,1:6) Period
30.0
30.0
30.0
30.0
ns 5,6,10
THIGH
PCI(_F,1:6) HIGH Time
12.0
12.0
12.0
12.0
ns 10,25
TLOW
PCI(_F,1:6) LOW Time
12.0
12.0
12.0
12.0
ns 10,18
Tr/Tf
PCI(_F,1:6) Rise and Fall
Times
0.5
2.0
0.5
2.0
0.5
2.0
0.5
2.0
ns 10,21
TSKEW
Any PCI to Any PCI Clock
Skew
500
500
500
500
ps 10,11,12
TCCJ
PCI(_F,1:6)
Cycle-to-Cycle Jitter
500
500
500
500
ps 10,6,11,12
48 MHz
TDC
48-MHz Duty Cycle
45554555
45
55
45
55
% 5,6,10
TPeriod
48-MHz Period
20.8299 20.8333 20.8299 20.8333 20.8299 20.8333 20.8299 20.8333 ns 5,6,10
Tr/Tf
48-MHz Rise and Fall
Times
1.0
4.0
1.0
4.0
1.0
4.0
1.0
4.0
ns 10,21
TCCJ
48-MHz Cycle-to-Cycle
Jitter
500
500
500
500
ps 10,6,11,12
24 MHz
TDC
24-MHz Duty Cycle
45554555
45
55
45
55
% 5,6,10
TPeriod
24-MHz Period
41.660 41.667 41.660 41.667 41.660 41.667 41.660 41.667
ns 5,6,10
Tr / Tf
24-MHz Rise and Fall
Times
1.0
4.0
1.0
4.0
1.0
4.0
1.0
4.0
ns 10,21
TCCJ
24-MHz Cycle-to-Cycle
Jitter
500
500
500
500
ps 6,10,11,12
Notes:
24. Measured at VX between the falling edge and the following rising edge of the signal.
25. Probes are placed on the pins, and measurements are acquired at 0.4V.
AC Parameters (continued)
Parameter
Description
66 MHz
100 MHz
133 MHz
200 MHz
Unit
Notes
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.


Similar Part No. - CY28347ZCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28347ZCT CYPRESS-CY28347ZCT Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
More results

Similar Description - CY28347ZCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28341 SPECTRALINEAR-CY28341 Datasheet
264Kb / 19P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28341-2 CYPRESS-CY28341-2 Datasheet
174Kb / 19P
   Universal Clock Chip for VIA P4M/KT/KM400 DDR Systems
CY28341-3 CYPRESS-CY28341-3 Datasheet
349Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
SpectraLinear Inc
CY28341-3 SPECTRALINEAR-CY28341-3 Datasheet
263Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2_05 Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341-2 SPECTRALINEAR-CY28341-2 Datasheet
228Kb / 18P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
Texas Instruments
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com