Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28354OXC-400 Datasheet(PDF) 2 Page - SpectraLinear Inc

Part # CY28354OXC-400
Description  210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28354OXC-400 Datasheet(HTML) 2 Page - SpectraLinear Inc

  CY28354OXC-400 Datasheet HTML 1Page - SpectraLinear Inc CY28354OXC-400 Datasheet HTML 2Page - SpectraLinear Inc CY28354OXC-400 Datasheet HTML 3Page - SpectraLinear Inc CY28354OXC-400 Datasheet HTML 4Page - SpectraLinear Inc CY28354OXC-400 Datasheet HTML 5Page - SpectraLinear Inc CY28354OXC-400 Datasheet HTML 6Page - SpectraLinear Inc CY28354OXC-400 Datasheet HTML 7Page - SpectraLinear Inc CY28354OXC-400 Datasheet HTML 8Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CY28354-400
Rev 1.0, November 22, 2006
Page 2 of 8
Serial Data Interface
To enhance the flexibility and function of the clock synthesizer,
a two-signal serial interface is provided. Through the Serial
Data Interface, various device functions such as individual
clock output buffers, etc., can be individually enabled or
disabled. The registers associated with the Serial Data
Interface initializes to their default setting upon power-up, and
therefore use of this interface is optional. Clock device register
changes are normally made upon system initialization, if any
are required. The interface can also be used during system
operation for power management functions.
Data Protocol
The clock driver serial protocol accepts Byte Write, Byte Read,
Block Write, and Block Read operation from the controller. For
Block Write/Read operation, the bytes must be accessed in
sequential order from lowest to highest byte (most significant
bit first) with the ability to stop after any complete byte has
been transferred. For Byte Write and Byte Read operations,
the system controller can access individual indexed bytes. The
offset of the indexed byte is encoded in the command code,
as described in Table 1. The Block Write and Block Read
protocol is outlined in Table 2.The slave receiver address is
D2/DC depending on the state of the ADDRSEL pin.
Pin Description
Pin
Name
PWR
I/O
Description
11, 13, 19, 21, 38, 36,
5, 7, 44, 42, 32, 30
DDRA[0:5]T
DDRB[0:5]T
VDD2.5
O
Clock outputs. These outputs provide copies of BUF_INA and
BUF_INB, respectively.
12, 14, 20, 22, 37, 35,
6, 8, 43, 41, 31, 29
DDRA[0:5]C
DDRB[0:5]C
VDD2.5
O
Clock outputs. These outputs provide complementary copies of
BUF_INA and BUF_INB, respectively.
18,
4
BUF_INA,
BUF_INB
VDD2.5
I
PD
Reference input from chipset. 2.5V input. Internal pull-down
17,
3
FB_OUTA
FB_OUTB
VDD2.5
O
Feedback clock for chipset.
45
I2C_CS
VDD2.5
I
PD
CS for I2C allows for multiple devices to be connected with
the same I2C address. Internal pull-down. See Table 1.
46
ADDR_SEL
VDD2.5
I
PD
Selects I2C Address D2/DC. Internal Pull-down
25
SCLK
VDD2.5
I
PU
SMBus clock input. Internal Pull-up
26
SDATA
VDD2.5
I/O
PU
SMBus data input. Internal Pull-up
1, 10, 16, 23, 28, 33, 39, 48 VDD2.5
2.5V voltage supply
2, 9, 15, 24, 27, 34, 40, 47
GND
Ground
Table 1. Command Code Definition
Bit
Description
7
0 = Block Read or Block Write operation
1 = Byte Read or Byte Write operation
(6:5)
01 to address chip when I2C_CS = 0
10 to address chip when I2C_CS = 1
(4:0)
Byte offset for Byte Read or Byte Write operation. For Block Read or Block Write operations, these bits should
be '00000'


Similar Part No. - CY28354OXC-400

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28354OXC-400 CYPRESS-CY28354OXC-400 Datasheet
214Kb / 9P
   210-MHz 24-Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
Silicon Laboratories
CY28354OXC-400 SILABS-CY28354OXC-400 Datasheet
120Kb / 8P
   210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
Cypress Semiconductor
CY28354OXC-400T CYPRESS-CY28354OXC-400T Datasheet
214Kb / 9P
   210-MHz 24-Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
Silicon Laboratories
CY28354OXC-400T SILABS-CY28354OXC-400T Datasheet
120Kb / 8P
   210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
More results

Similar Description - CY28354OXC-400

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28354-400 SILABS-CY28354-400 Datasheet
120Kb / 8P
   210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
Cypress Semiconductor
CY28354-400 CYPRESS-CY28354-400 Datasheet
214Kb / 9P
   210-MHz 24-Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
W255 CYPRESS-W255 Datasheet
255Kb / 10P
   200-MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
SpectraLinear Inc
W255 SPECTRALINEAR-W255 Datasheet
195Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Silicon Laboratories
W255 SILABS-W255 Datasheet
135Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
Abracon Corporation
ABB0302 ABRACON-ABB0302 Datasheet
63Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02 PLL-PLL103-02 Datasheet
178Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
Cypress Semiconductor
CY28325-3 CYPRESS-CY28325-3 Datasheet
266Kb / 19P
   FTG for VIA Pentium 4 Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com