Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28349BOXCT Datasheet(PDF) 3 Page - SpectraLinear Inc

Part # CY28349BOXCT
Description  FTG for Intel짰 Pentium짰 4 CPU and Chipsets
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28349BOXCT Datasheet(HTML) 3 Page - SpectraLinear Inc

  CY28349BOXCT Datasheet HTML 1Page - SpectraLinear Inc CY28349BOXCT Datasheet HTML 2Page - SpectraLinear Inc CY28349BOXCT Datasheet HTML 3Page - SpectraLinear Inc CY28349BOXCT Datasheet HTML 4Page - SpectraLinear Inc CY28349BOXCT Datasheet HTML 5Page - SpectraLinear Inc CY28349BOXCT Datasheet HTML 6Page - SpectraLinear Inc CY28349BOXCT Datasheet HTML 7Page - SpectraLinear Inc CY28349BOXCT Datasheet HTML 8Page - SpectraLinear Inc CY28349BOXCT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CY28349B
Rev 1.0, November 20, 2006
Page 3 of 20
PWR_DWN#
42
I
Power-down Control: 3.3V LVTTL compatible input that places the device in
power down mode when held low.
SCLK
26
I
SMBus Clock Input: Clock pin for serial interface.
SDATA
25
I/O
SMBus Data Input: Data pin for serial interface.
RST#
20
O
(open-d
rain)
System Reset Output: Open-drain system reset output.
IREF
35
I
Current Reference for CPU Output: A precision resistor is attached to this pin
which is connected to the internal current reference.
VTT_PWRGD#
19
I
Powergood from Voltage Regulator Module (VRM): 3.3V LVTTL input.
VTT_PWRGD# is a level-sensitive strobe used to determine when FS0:4 and
MULTSEL0:1 inputs are valid and OK to be sampled (Active LOW). Once
VTT_PWRGD# is sampled LOW, the status of this input will be ignored.
VDD_REF,
VDD _PCI,
VDD_48MHz,
VDD_3V66,
VDD_CPU
2, 9, 18, 24,
32, 39, 46
P
3.3V Power Connection: Power supply for CPU outputs buffers, 3V66 output
buffers, PCI output buffers, reference output buffers and 48-MHz output buffers.
Connect to 3.3V.
GND_PCI,
GND_48MHz,
GND_3V66,
GND_CPU,
GND_REF,
5, 13, 21, 29,
36, 43, 47
G
Ground Connection: Connect all ground pins to the common system ground
plane.
VDD_CORE
34
P
3.3V Analog Power Connection: Power supply for core logic, PLL circuitry.
Connect to 3.3V.
GND_CORE
33
G
Analog Ground Connection: Ground for core logic, PLL circuitry.
Pin Definitions (continued)
Pin Name
Pin No.
Pin
Type
Pin Description


Similar Part No. - CY28349BOXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28349BOXCT CYPRESS-CY28349BOXCT Datasheet
494Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
More results

Similar Description - CY28349BOXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28349B CYPRESS-CY28349B_05 Datasheet
494Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28323 CYPRESS-CY28323 Datasheet
180Kb / 22P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28349 SPECTRALINEAR-CY28349 Datasheet
233Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28324 CYPRESS-CY28324_02 Datasheet
191Kb / 23P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28323PVC SPECTRALINEAR-CY28323PVC Datasheet
235Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28324 SPECTRALINEAR-CY28324 Datasheet
207Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28323B CYPRESS-CY28323B Datasheet
299Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28344 SPECTRALINEAR-CY28344 Datasheet
217Kb / 21P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28324 CYPRESS-CY28324 Datasheet
184Kb / 23P
   FTG for Intel Pentium 4 CPU and Chipsets
CY28349B CYPRESS-CY28349B Datasheet
174Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com