Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28359OCT Datasheet(PDF) 4 Page - SpectraLinear Inc

Part # CY28359OCT
Description  273 MHz 6 Output Buffer for DDR400 DIMMS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28359OCT Datasheet(HTML) 4 Page - SpectraLinear Inc

  CY28359OCT Datasheet HTML 1Page - SpectraLinear Inc CY28359OCT Datasheet HTML 2Page - SpectraLinear Inc CY28359OCT Datasheet HTML 3Page - SpectraLinear Inc CY28359OCT Datasheet HTML 4Page - SpectraLinear Inc CY28359OCT Datasheet HTML 5Page - SpectraLinear Inc CY28359OCT Datasheet HTML 6Page - SpectraLinear Inc CY28359OCT Datasheet HTML 7Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY28359
Rev 1.0, November 24, 2006
Page 4 of 7
Serial Configuration Map
• The Serial bits will be read by the clock driver in the following
order:
Byte 0 - Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte 1 - Bits 7, 6, 5, 4, 3, 2, 1, 0
.
.
Byte N - Bits 7, 6, 5, 4, 3, 2, 1, 0
• Reserved and unused bits should be programmed to “0”.
SMBus Address for the CY28359 when SEL_ADDR=1:
A6
A5
A4
A3
A2
A1
A0
R/W
1101001
----
SMBus Address for the CY28359 when SEL_ADDR=0:
A6
A5
A4
A3
A2
A1
A0
R/W
1101110
----
Byte 22: Outputs Active/Inactive Register (1 = Active, 0 = Three-state), Default = Active
Bit
Pin #
Description
Default
Bit 7
--
Input Threshold Control00: Normal (1.25V)
01: 1.20V
10: 1.15V
11: 1.35V
0
Bit 6
--
0
Bit 5
9
FBOUTA
0 = Enable, 1 = Disable
0
Bit 4
1
FBOUTB
0 = Enable, 1 = Disable
0
Bit 3
Reserved, drive to 0
1
Bit 2
--
Reserved, drive to 0
1
Bit 1
24, 25
DDRBT2, DDRBC2
1
Bit 0
--
Reserved, drive to 0
1
Byte 23: Outputs Active/Inactive Register(1 = Active, 0 = Three-state), Default = Active
Bit
Pin #
Description
Default
Bit 7
5,6
DDRBT1, DDRBC1
1
Bit 6
3,4
DDRBT0, DDRBC0
1
Bit 5
21,20
DDRAT2, DDRAC2
1
Bit 4
--
Reserved, drive to 0
1
Bit 3
14,15
DDRAT1, DDRAC1
1
Bit 2
12,13
DDRAT0, DDRAC0
1
Bit 1
--
Reserved, drive to 0
1
Bit 0
--
Reserved, drive to 0
1


Similar Part No. - CY28359OCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28359OCT CYPRESS-CY28359OCT Datasheet
186Kb / 8P
   273-MHz 6-Output Buffer for DDR400 DIMMS
More results

Similar Description - CY28359OCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28359 CYPRESS-CY28359 Datasheet
186Kb / 8P
   273-MHz 6-Output Buffer for DDR400 DIMMS
logo
SpectraLinear Inc
CY28354-400 SPECTRALINEAR-CY28354-400 Datasheet
168Kb / 8P
   210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
Cypress Semiconductor
CY28354-400 CYPRESS-CY28354-400 Datasheet
214Kb / 9P
   210-MHz 24-Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
W255 CYPRESS-W255 Datasheet
255Kb / 10P
   200-MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Silicon Laboratories
CY28354-400 SILABS-CY28354-400 Datasheet
120Kb / 8P
   210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
SpectraLinear Inc
W255 SPECTRALINEAR-W255 Datasheet
195Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Silicon Laboratories
W255 SILABS-W255 Datasheet
135Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Cypress Semiconductor
W256 CYPRESS-W256 Datasheet
176Kb / 9P
   12 Output Buffer for 2 DDR and 3 SRAM DIMMS
logo
SpectraLinear Inc
W256 SPECTRALINEAR-W256 Datasheet
141Kb / 7P
   12 Output Buffer for 2 DDR and 3 SRAM DIMMS
logo
Silicon Laboratories
W256 SILABS-W256 Datasheet
277Kb / 8P
   12 Output Buffer for 2 DDR and 3 SRAM DIMMS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com