Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28372OC Datasheet(PDF) 9 Page - SpectraLinear Inc

Part # CY28372OC
Description  SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28372OC Datasheet(HTML) 9 Page - SpectraLinear Inc

Back Button CY28372OC Datasheet HTML 5Page - SpectraLinear Inc CY28372OC Datasheet HTML 6Page - SpectraLinear Inc CY28372OC Datasheet HTML 7Page - SpectraLinear Inc CY28372OC Datasheet HTML 8Page - SpectraLinear Inc CY28372OC Datasheet HTML 9Page - SpectraLinear Inc CY28372OC Datasheet HTML 10Page - SpectraLinear Inc CY28372OC Datasheet HTML 11Page - SpectraLinear Inc CY28372OC Datasheet HTML 12Page - SpectraLinear Inc CY28372OC Datasheet HTML 13Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CY28372
Rev 1.0, November 20, 2006
Page 9 of 17
Dial-A-Frequency Feature
SMBus Dial-a-Frequency feature is available in this device via
Byte13 and Byte14. P is a large value PLL constant that
depends on the frequency selection achieved through the
hardware selectors (FS). P value may be determined from the
following table.
PD# (Power-down) Clarification
The PD# (Power-down) pin is used to shut off ALL clocks prior
to shutting off power to the device. PD# is an asynchronous
active LOW input. This signal is synchronized internally to the
device powering down the clock synthesizer. PD# is an
asynchronous function for powering up the system. When PD#
is low, all clocks are driven to a LOW value and held there and
the VCO and PLLs are also powered down. All clocks are shut
down in a synchronous manner so has not to cause glitches
while transitioning to the low ‘stopped’ state.
PD# – Assertion
FS(4:0)
P
00000, 00001, 00010, 00011, 00100, 00101, 11110
127993333
00110, 00111, 10000, 10001, 10010, 10011, 10100
76796000
01000, 01001, 01010, 01011, 01100, 01101, 10101, 10110, 10111, 11001, 11010, 11011,11100, 11101
95995000
01110, 01111, 11000
63996667
11111
191990000
Table 5. Maximum Lumped Capacitive Output Loads
Clock
Max Load
Unit
PCI, PCIF
20
pF
AGP
30
pF
24_48MHz, 48MHz
20
pF
REF
30
pF
IOAPIC
20
pF
CPUT0/CPUC0
See Figure 7
CPUT1
See Figure 7
Figure 1. Power-down Assertion Timing Waveforms
PD#
CPUT0
CPUC0
PCI
REF
USB,24_48MHz
Tri-state
Tri-state


Similar Part No. - CY28372OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28372OC CYPRESS-CY28372OC Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
CY28372OCT CYPRESS-CY28372OCT Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
More results

Similar Description - CY28372OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28372 CYPRESS-CY28372 Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240_06 Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240 Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
logo
California Micro Device...
CMBUS100 CALMIRCO-CMBUS100 Datasheet
173Kb / 6P
   AMD ATHLON VID/FID INTERFACE
logo
List of Unclassifed Man...
VT8363A ETC2-VT8363A Datasheet
681Kb / 54P
   KT133A AMD ATHLON??NORTH BRIDGE
logo
International Rectifier
IR3082 IRF-IR3082 Datasheet
444Kb / 33P
   XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon 64/ Athlon 64 x2 (AM2 Socket) Processor
logo
Integrated Circuit Syst...
MK149106 ICST-MK149106 Datasheet
215Kb / 10P
   AMD Geode??Clock Source
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon??64/ Athlon??64 x2 (AM2 Socket) Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com