Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFS-905 Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

Part # DFS-905
Description  6-WAY POWER DIVIDER SURFACE MOUNT MODEL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DFS-905 Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  DFS-905 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DFS-905 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION DFS-905 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION DFS-905 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6-WAY POWER DIVIDER
1 - 500 MHz
FREQUENCY
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © 2006 Synergy Microwave Corporation
SURFACE MOUNT MODEL: DFS-905
Data @ 25ºC
-40
-35
-30
-25
-20
-15
-10
-5
0
1
101
201
301
401
501
Frequency (MHz)
3 - 4
3-8
3-16
8-12
4-8
8-16
15-16
15-12
15-4
-10
-9.5
-9
-8.5
-8
-7.5
-7
1
101
201
301
401
501
Frequency (MHz)
In - 3
In - 4
In - 8
In - 12
In - 15
In - 16


Similar Part No. - DFS-905

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DFS-902 SYNERGY-DFS-902 Datasheet
46Kb / 1P
   POWER DIVIDERS 0쨘 : 6-WAY
DFS-903 SYNERGY-DFS-903 Datasheet
46Kb / 1P
   POWER DIVIDERS 0쨘 : 6-WAY
More results

Similar Description - DFS-905

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SDL-110 SYNERGY-SDL-110 Datasheet
247Kb / 4P
   3-WAY POWER DIVIDER SURFACE MOUNT MODEL
SD2200 SYNERGY-SD2200 Datasheet
552Kb / 3P
   2-WAY POWER DIVIDER SURFACE MOUNT MODEL
logo
List of Unclassifed Man...
SDL-4 ETC2-SDL-4 Datasheet
252Kb / 3P
   2-WAY POWER DIVIDER SURFACE MOUNT MODEL
logo
SYNERGY MICROWAVE CORPO...
DSS-585 SYNERGY-DSS-585 Datasheet
409Kb / 3P
   8-WAY POWER DIVIDER SURFACE MOUNT MODEL
SDL-4 SYNERGY-SDL-4 Datasheet
252Kb / 3P
   2-WAY POWER DIVIDER SURFACE MOUNT MODEL
DSK-719S SYNERGY-DSK-719S Datasheet
215Kb / 4P
   2-WAY POWER DIVIDER MODEL
DEK-701S SYNERGY-DEK-701S Datasheet
239Kb / 4P
   5-WAY POWER DIVIDER MODEL
logo
M/A-COM Technology Solu...
DSS-327 MA-COM-DSS-327 Datasheet
102Kb / 2P
   Surface Mount Two-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
DSK-7M2B SYNERGY-DSK-7M2B Datasheet
242Kb / 4P
   2-WAY POWER DIVIDER CONNECTORIZED MODEL
logo
American Accurate Compo...
JXWBGF-T-6-2.4-6 AAC-JXWBGF-T-6-2.4-6 Datasheet
69Kb / 1P
   6-Way Power Divider
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com