Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L602 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L602
Description  DARLINGTON ARRAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L602 Datasheet(HTML) 3 Page - STMicroelectronics

  L602 Datasheet HTML 1Page - STMicroelectronics L602 Datasheet HTML 2Page - STMicroelectronics L602 Datasheet HTML 3Page - STMicroelectronics L602 Datasheet HTML 4Page - STMicroelectronics L602 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEX
Output Leakage Current
VCE = 90 V
10
µA
VCE (sat)
Collector Emitter Saturation
Voltage
IC = 300 mA
IC = 200 mA
IC = 100 mA
IB = 500
µA
IB =
µA
IB = 250
µA
2
1.7
1.2
V
V
V
hFE
DC Forward Current Gain
(L601 only)
VCE = 3 V
IC = 300 mA
1000
-
Vi
Minimum Input Voltage
(ON condition)
VCE = 3V
for L602
for L603
for L604
IC = 300 mA
11.5
2.5
5
V
V
V
Vi
Maximum Input Voltage
(OFF condition)
VCE = 90 V
for L601
for L602
for L603
for L604
IC = 25
µA
0.55
7
0.75
1
V
V
V
V
IR
Clamp Diode Reverse
Current
VR = 90 V
50
µA
VF
Clamp Diode Forward
Voltage
IF = 300 mA
2
2.4
V
ton
Turn-on Delay
0.5 Vi to 0.5 Vo
0.4
µs
toff
Turn-off Delay
0.5 Vi to 0.5 Vo
0.4
µs
ELECTRICAL CHARACTERISTICS (Tamb = 25
°C, unless otherwise specified)
Symbol
Parameter
Value
Unit
Rth-j-amb
Thermal resistance Junction-ambient
Max
70
°C/W
THERMAL DATA
3/5
L601-L602-L603-L604


Similar Part No. - L602

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
L60 VCC-L60 Datasheet
211Kb / 1P
   watertight
logo
STMicroelectronics
L6000 STMICROELECTRONICS-L6000 Datasheet
279Kb / 24P
   SINGLE CHIP READ & WRITE CHANNEL
logo
Littelfuse
L60030C LITTELFUSE-L60030C Datasheet
129Kb / 2P
   Class CC/CD and Midget Fuse Blocks
L60030C LITTELFUSE-L60030C Datasheet
1Mb / 4P
   LF Series Fuse Block Covers
Rev: 110413
L60030C-1C LITTELFUSE-L60030C-1C Datasheet
129Kb / 2P
   Class CC/CD and Midget Fuse Blocks
More results

Similar Description - L602

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L603 STMICROELECTRONICS-L603 Datasheet
63Kb / 4P
   DARLINGTON ARRAYS
logo
Texas Instruments
ULN2003ADR TI-ULN2003ADR Datasheet
164Kb / 9P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAYS
logo
STMicroelectronics
ULQ2001 STMICROELECTRONICS-ULQ2001 Datasheet
300Kb / 7P
   SEVEN DARLINGTON ARRAYS
ULQ2801A STMICROELECTRONICS-ULQ2801A Datasheet
140Kb / 8P
   EIGHT DARLINGTON ARRAYS
logo
Unisonic Technologies
ULN2803 UTC-ULN2803_11 Datasheet
208Kb / 6P
   EIGHT DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
   SEVEN DARLINGTON ARRAYS
logo
Texas Instruments
SN75466 TI-SN75466 Datasheet
433Kb / 8P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAYS
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
   SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2000 STMICROELECTRONICS-ULN2000 Datasheet
240Kb / 8P
   SEVEN DARLINGTON ARRAYS
February 2002
logo
Texas Instruments
SN75469NE4 TI-SN75469NE4 Datasheet
938Kb / 18P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com