Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DQS-10-100 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # DQS-10-100
Description  90쨘 HYBRID SURFACD MOUNT MODEL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DQS-10-100 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  DQS-10-100 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DQS-10-100 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION DQS-10-100 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION DQS-10-100 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
10 - 100 MHz
FREQUENCY BANDWIDTH
90º HYBRID
SURFACE MOUNT MODEL:
DQS-10-100
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © 2007 Synergy Microwave Corporation
FEATURES:
Ultra-Wide Bandwidth (10:1)
Small Package Size, Surface Mount
Building Block For:
- Power Amplifiers
- Image Rejection Mixers
- I & Q / SSB Modulators
- Phase Shifters & More...
SPECIFICATIONS (Rev. C 10/19/07)
Frequency
10 - 100 MHz
Insertion Loss (dB) *
Typ.
Max.
1.0
1.5
Amplitude Unbalance (dB)
Typ.
Max.
0.9
1.2
Phase Unbalance (Deg.)
Typ.
Max.
2.0
3.0
Isolation (dB)
Typ.
Min.
30
20
Power Rating
1 Watt (Max.)
Impedance
50 Ohms (Nom.)
VSWR
1.2:1 (Typ.)
Operating Temperature Range
-40 to +85 °C
* Insertion loss in excess of the theoretical 3 dB coupling.
Package #
120S
PORT IDENTIFICATION
Input
Isolated* +90º Output 0º Output
GND
1
2
8
7
All Others
* Terminate ISOLATED port with 50 Ohms.


Similar Part No. - DQS-10-100

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DQS-10-50 SYNERGY-DQS-10-50 Datasheet
64Kb / 2P
   QUADRATURE HYBRID MODEL
More results

Similar Description - DQS-10-100

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DQS-30-150 SYNERGY-DQS-30-150 Datasheet
612Kb / 4P
   90쨘 HYBRID SURFACE MOUNT MODEL
MSQ80300 SYNERGY-MSQ80300 Datasheet
362Kb / 3P
   90쨘 HYBRID SURFACE MOUNT MODEL
DQF-102 SYNERGY-DQF-102 Datasheet
80Kb / 2P
   90쨘 HYBRID MODEL
DQS-100-1000 SYNERGY-DQS-100-1000 Datasheet
239Kb / 4P
   90쨘 HYBRID SURFACE MOUNT MODEL
DQS-20-100 SYNERGY-DQS-20-100 Datasheet
708Kb / 4P
   90쨘 HYBRID SURFACE MOUNT MODEL
DQP-90-450 SYNERGY-DQP-90-450 Datasheet
67Kb / 2P
   90쨘 HYBRID MODEL
DQS-30-450LF SYNERGY-DQS-30-450LF Datasheet
242Kb / 4P
   90쨘 HYBRID SURFACE MOUNT MODEL
DQS-30-450 SYNERGY-DQS-30-450 Datasheet
255Kb / 2P
   90쨘 HYBRID MODEL
DQK-1723S SYNERGY-DQK-1723S Datasheet
68Kb / 2P
   90쨘 HYBRID COUPLER MODEL
DQP-2-16 SYNERGY-DQP-2-16 Datasheet
83Kb / 2P
   90쨘 HYBRID COUPLER MODEL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com