Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6208N Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6208N
Description  FULLY INTEGRATED STEPPER MOTOR DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6208N Datasheet HTML 3Page - STMicroelectronics L6208N Datasheet HTML 4Page - STMicroelectronics L6208N Datasheet HTML 5Page - STMicroelectronics L6208N Datasheet HTML 6Page - STMicroelectronics L6208N Datasheet HTML 7Page - STMicroelectronics L6208N Datasheet HTML 8Page - STMicroelectronics L6208N Datasheet HTML 9Page - STMicroelectronics L6208N Datasheet HTML 10Page - STMicroelectronics L6208N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7/27
L6208
(7)
Tested at 25°C in a restricted range and guaranteed by characterization.
(8)
See Fig. 1.
(9)
See Fig. 2.
(10)
See Fig. 3.
(11)
See Fig. 4.
(12)
Measured applying a voltage of 1V to pin SENSE and a voltage drop from 2V to 0V to pin VREF.
(13)
See Fig. 5.
Figure 1. Switching Characteristic Definition
tOFF
PWM Recirculation Time
ROFF = 20KΩ; COFF = 1nF
13
µs
ROFF = 100KΩ; COFF = 1nF
61
µs
IBIAS
Input Bias Current at pins VREFA
and VREFB
10
µA
Over Current Protection
ISOVER
Input Supply Overcurrent
Protection Threshold
Tj = -25°C to 125°C
(7)
4
5.6
7.1
A
ROPDR
Open Drain ON Resistance
I = 4mA
40
60
tOCD(ON) OCD Turn-on Delay Time (13)
I = 4mA; CEN < 100pF
200
ns
tOCD(OFF) OCD Turn-off Delay Time (13)
I = 4mA; CEN < 100pF
100
ns
ELECTRICAL CHARACTERISTICS (continued)
(Tamb = 25°C, Vs = 48V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vth(ON)
Vth(OFF)
90%
10%
EN
IOUT
t
t
tFALL
tD(OFF)EN
tRISE
tD(ON)EN
D01IN1316


Similar Part No. - L6208N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6208N STMICROELECTRONICS-L6208N Datasheet
706Kb / 35P
   DMOS driver for bipolar stepper motor
February 2014 Rev 2
More results

Similar Description - L6208N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2839 STMICROELECTRONICS-AN2839 Datasheet
1Mb / 40P
   L6228 fully-integrated two-phase stepper motor driver
logo
NTE Electronics
NTE7082 NTE-NTE7082 Datasheet
21Kb / 3P
   Integrated Circuit Stepper Motor Driver
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
   Integrated Circuit Stepper Motor Driver
logo
STMicroelectronics
L6474 STMICROELECTRONICS-L6474 Datasheet
741Kb / 51P
   easySPIN ??fully integrated microstepping motor driver
VNH3SP30 STMICROELECTRONICS-VNH3SP30 Datasheet
222Kb / 26P
   FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
L6472 STMICROELECTRONICS-L6472 Datasheet
1Mb / 69P
   dSPIN fully integrated microstepping motor driver
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com