Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DQS-A15 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # DQS-A15
Description  QUADRATURE HYBRID MODEL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DQS-A15 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  DQS-A15 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DQS-A15 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail:sales@synergymwave.com•WorldWideWeb:http://www.synergymwave.com
Copyright © 2003 Synergy Microwave Corporation
3:1 BANDWIDTH
30 - 90 MHz
QUADRATURE HYBRID
MODEL DQS-A15
Operating Frequency:
30 - 90 MHz
Insertion Loss:
0.3 dB (Typ) / 0.6 dB (Max)
Isolation:
23 dB (Typ)/18 dB (Min)
Amplitude Unbalance:
0.8 dB (Typ) / 1.2 dB (Max)
Phase Unbalance:
1.0º (Typ)/ 3.0º (Max)
VSWR:
1.35:1 (Max)
Input Power Rating
25 WattS (Max)
Impedance:
50 Ohms
Operating Temp. Range:
-40o to +70oC
SPECIFICATIONS
MECHANICAL OUTLINE:102S
PIN-OUT
INPUT
1
+90o OUTPUT
6
0o OUTPUT
5
ISOLATED*
2
CASE GND
3,4,7,8
* Terminate ISOLATED
port with 50 ohms.


Similar Part No. - DQS-A15

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DQS-A15-01 SYNERGY-DQS-A15-01 Datasheet
71Kb / 2P
   QUADRATURE HYBRID MODEL
More results

Similar Description - DQS-A15

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DQS-118-174 SYNERGY-DQS-118-174 Datasheet
70Kb / 2P
   QUADRATURE HYBRID MODEL
DQS-A15-01 SYNERGY-DQS-A15-01 Datasheet
71Kb / 2P
   QUADRATURE HYBRID MODEL
DQK-702N SYNERGY-DQK-702N Datasheet
112Kb / 2P
   QUADRATURE HYBRID MODEL
DQP-50-500 SYNERGY-DQP-50-500 Datasheet
64Kb / 2P
   QUADRATURE HYBRID MODEL
DQS-10-50 SYNERGY-DQS-10-50 Datasheet
64Kb / 2P
   QUADRATURE HYBRID MODEL
DQS-302 SYNERGY-DQS-302 Datasheet
67Kb / 2P
   QUADRATURE HYBRID MODEL
DQK-50-500S SYNERGY-DQK-50-500S Datasheet
69Kb / 2P
   QUADRATURE HYBRID MODEL
DQK-302S SYNERGY-DQK-302S Datasheet
68Kb / 2P
   QUADRATURE HYBRID MODEL
DQP-100-500 SYNERGY-DQP-100-500 Datasheet
67Kb / 2P
   QUADRATURE HYBRID MODEL
DQS-30-90 SYNERGY-DQS-30-90 Datasheet
71Kb / 2P
   QUADRATURE HYBRID MODEL
DQS-50-500 SYNERGY-DQS-50-500 Datasheet
68Kb / 2P
   QUADRATURE HYBRID MODEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com