Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSK-745S Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # DSK-745S
Description  POWER DIVIDERS 0쨘 : 4-WAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DSK-745S Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  DSK-745S Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DSK-745S Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
[ 113 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
POWER DIVIDERS
0º : 4-WAY
POWER DIVIDERS
0º : 4-WAY
1 - 100
23/20
--/--
25/20
0.7/1.0 --/--
0.5/1.0
1/3
--/--
2.0/3.0
0.3/0.4
--/-- 0.3/0.4
159
1
SDL-140
20 - 400
25/18
--/--
20/17
1.0/1.3 --/--
1.4/1.8
1/3
--/--
3.0/5.0
0.3/0.4
--/-- 0.5/0.75
159
1
SDL-120
700 - 900
--/--
--/--
25/23
--/--
--/--
1.0/1.4
--/--
--/--
4.0/6.0
--/--
--/-- 0.6/0.8
129
2
SPD-C6
1700 - 2000
--/--
--/--
22/16
--/--
--/--
0.5/0.8
--/--
--/--
5.0/7.0
--/--
--/-- 0.3/0.5
233
4
M4D1720
1900-2200
--/--
--/--
25/20
--/--
--/--
0.7/1.2
--/--
--/--
3.0/5.0
--/--
--/-- 0.3/0.5
219
4
DSS-1900
2100-2400
--/--
--/--
23/20
--/--
--/--
1.0/1.2
--/--
--/--
3.0/5.0
--/--
--/-- 0.3/0.5
219
4
DSS-2100
SURFACE-MOUNT MODELS
THROUGH HOLE MOUNT (8 Pin-Relay Header)
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
TYP/MAX TYP/MAX TYP/MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
TYP/ MAX TYP/MAX TYP/MAX
PIN-OUT
(See
Below)
PACKAGE
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
PIN-OUT TABLE
#1
5
1,3,4,6
2
#2
2
1,3,4,6
All other
#3
4
1,2,7,8
All other
#4
1
2,3,4,5
All other
INPUT
OUTPUT
CASE GROUND
0.01-40
35/20
32/25
25/20
0.4/0.8 0.3/0.5 0.5/1.0
3
3
4
0.2
.15
0.2
102
3
DSP-206
0.1-200
33/20
30/20
27/20
0.4/0.6 0.5/.75 0.7/1.0
4
6
8
0.15
0.2
.25
102
3
DSP-2D2
0.25-250
33/20
30/20
27/20
0.4/0.7 0.5/.75 0.7/1.2
4
6
8
0.15
0.2
.25
102
3
DSP-2F2
1-200
30/20
25/20
25/20
0.4/0.7 0.5/0.9 0.7/1.2
4
6
10
0.15
0.2
0.3
102
3
DSP-2E2
1-250
33/20
30/20
27/20
0.4/0.7 0.5/.75 0.7/1.2
3
3
4
0.25
0.2
0.3
102
3
DSP-204
1-500
25/20
27/20
25/20
0.6/1.2 0.8/1.5 1.4/2.2
4
4
6
0.5
0.4
0.5
102
3
DSP-207
10-1000
25/20
24/20
24/20
1.2/1.7 1.2/1.9 1.6/2.3
5
7
10
0.2
0.5
0.8
102
3
DSP-2E4
1900-2130
---/---
---/---
25/20
---/---
---/---
1.8/2.4
-
-
6
-
-
0.7
102
3
DSP-247
159
129
Power Rating (All Models) = 1 Watt, max
* Power rating = 5 watts with mismatch of 1.2:1 or less
75 Ohm Model
(UB) - Denotes full bandwidth specification
For pin location and package outline drawings, see back pages.
LB = LF to 10 LF
MB = 10 LF to HF/2
UB = HF/2 to HF
New!
MODEL
PHASE UNBALANCE
(Degrees)
Full Band
TYP/MAX
INSERTION LOSS
(dB)
Full Band
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION
(dB)
Full Band
TYP/MIN
PIN-OUT
(See Below)
AMPLITUDE UNBALANCE
(dB)
Full band
TYP/MAX
PACKAGE
1500 - 2500
23/16
0.3/0.5
3.0/4.0
±0.2/0.4
1.3/1.4:1
246
4
S4D1525*
2000 - 2800
23/16
0.5/0.8
3.0/5.0
±0.3/0.5
1.3/1.4:1
246
4
S4D2028*
SYNSTRIP
®
SURFACE MOUNT
VSWR
TYP/MAX
233
246
219


Similar Part No. - DSK-745S

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DSK-701 SYNERGY-DSK-701 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
DSK-702 SYNERGY-DSK-702 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
DSK-703 SYNERGY-DSK-703 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
DSK-709 SYNERGY-DSK-709 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
DSK-709S SYNERGY-DSK-709S Datasheet
336Kb / 3P
   2-Way Power divider
More results

Similar Description - DSK-745S

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DSS-9C1 SYNERGY-DSS-9C1 Datasheet
35Kb / 1P
   POWER DIVIDERS 0쨘 : 8-WAY
DFS-9B1 SYNERGY-DFS-9B1 Datasheet
46Kb / 1P
   POWER DIVIDERS 0쨘 : 6-WAY
SPD-C2 SYNERGY-SPD-C2 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
SDL-135 SYNERGY-SDL-135 Datasheet
47Kb / 2P
   POWER DIVIDERS 0쨘 : 3-WAY
DES-901 SYNERGY-DES-901 Datasheet
31Kb / 1P
   POWER DIVIDERS 0쨘 : 5-WAY
DLP-901 SYNERGY-DLP-901 Datasheet
39Kb / 1P
   POWER DIVIDERS 0쨘 : 12-WAY
DXP-9A2 SYNERGY-DXP-9A2 Datasheet
29Kb / 1P
   POWER DIVIDERS 0쨘 : 10-WAY
logo
M/A-COM Technology Solu...
MAPDCT0028 MA-COM-MAPDCT0028 Datasheet
139Kb / 3P
   4 Way 0쨘 Power divider
logo
Anaren Microwave
4A0279 ANAREN-4A0279_14 Datasheet
202Kb / 4P
   Power Dividers 4-Way
44100 ANAREN-44100 Datasheet
185Kb / 3P
   Power Dividers 4-Way
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com