Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD708 Datasheet(PDF) 3 Page - Analog Devices

Part # AD708
Description  Ultralow Offset Voltage Dual Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD708 Datasheet(HTML) 3 Page - Analog Devices

  AD708_06 Datasheet HTML 1Page - Analog Devices AD708_06 Datasheet HTML 2Page - Analog Devices AD708_06 Datasheet HTML 3Page - Analog Devices AD708_06 Datasheet HTML 4Page - Analog Devices AD708_06 Datasheet HTML 5Page - Analog Devices AD708_06 Datasheet HTML 6Page - Analog Devices AD708_06 Datasheet HTML 7Page - Analog Devices AD708_06 Datasheet HTML 8Page - Analog Devices AD708_06 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD708
Rev. C | Page 3 of 16
SPECIFICATIONS
@ 25°C and ±15 V dc, unless otherwise noted.
Table 1.
AD708J/AD708A
AD708B
AD708S
Parameter
Conditions
Min1
Typ
Max1
Min1
Typ
Max1
Min1
Typ
Max1
Unit
INPUT OFFSET VOLTAGE2
30
100
5
50
5
30
μV
TMIN to TMAX
50
150
15
65
15
50
μV
Drift
0.3
1.0
0.1
0.4
0.1
0.3
μV/°C
Long Term Stability
0.3
0.3
0.3
μV/month
INPUT BIAS CURRENT
1.0
2.5
0.5
1.0
0.5
1
nA
TMIN to TMAX
2.0
4.0
1.0
2.0
1.0
4
nA
Average Drift
15
40
10
25
10
30
pA/°C
OFFSET CURRENT
VCM = 0 V
0.5
2.0
0.1
1.0
0.1
1
nA
TMIN to TMAX
2.0
4.0
0.2
1.5
0.2
1.5
nA
Average Drift
2
60
1
25
1
25
pA/°C
MATCHING CHARACTERISTICS3
Offset Voltage
80
50
30
μV
TMIN to TMAX
150
75
50
μV
Offset Voltage Drift
1.0
0.4
0.3
μV/°C
Input Bias Current
4.0
1.0
1.0
nA
TMIN to TMAX
5.0
2.0
2.0
nA
Common-Mode Rejection
120
140
130
140
130
140
dB
TMIN to TMAX
110
130
130
dB
Power Supply Rejection
110
120
120
dB
TMIN to TMAX
110
120
120
dB
Channel Separation
135
140
140
dB
INPUT VOLTAGE NOISE
0.1 Hz to 10 Hz
0.23
0.6
0.23
0.6
0.23
0.35
μV p-p
f = 10 Hz
10.3
18
10.3
12
10.3
12
nV/√Hz
f = 100 Hz
10.0
13.0
10.0
11.0
10.0
11
nV/√Hz
f = 1 kHz
9.6
11.0
9.6
11.0
9.6
11
nV/√Hz
INPUT CURRENT NOISE
0.1 Hz to 10 Hz
14
35
14
35
14
35
pA p-p
f = 10 Hz
0.32
0.9
0.32
0.8
0.32
0.8
pA/√Hz
f = 100 Hz
0.14
0.27
0.14
0.23
0.14
0.23
pA/√Hz
f = 1 kHz
0.12
0.18
0.12
0.17
0.12
0.17
pA/√Hz
COMMON-MODE REJECTION RATIO
VCM = ±13 V
120
140
130
140
130
140
dB
TMIN to TMAX
120
140
130
140
130
140
dB
OPEN-LOOP GAIN
VO = ±10 V
RLOAD ≥ 2 kΩ
3
10
5
10
4
10
V/μV
TMIN to TMAX
3
10
5
10
4
7
V/μV
POWER SUPPLY REJECTION RATIO
VS = ±3 V to ±18 V
110
130
120
130
120
130
dB
TMIN to TMAX
110
130
120
130
120
130
dB
FREQUENCY RESPONSE
Closed-Loop Bandwidth
0.5
0.9
0.5
0.9
0.5
0.9
MHz
Slew Rate
0.15
0.3
0.15
0.3
0.15
0.3
V/μs
INPUT RESISTANCE
Differential
60
200
200
Common Mode
200
400
400


Similar Part No. - AD708_06

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD708AH AD-AD708AH Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708AH AD-AD708AH Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708AQ AD-AD708AQ Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708AQ AD-AD708AQ Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708BH AD-AD708BH Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
More results

Similar Description - AD708_06

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMPAD708 AD-AMPAD708 Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708 AD-AD708 Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708 AD-AD708_15 Datasheet
352Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
AD8599 AD-AD8599 Datasheet
449Kb / 16P
   Dual Ultralow Distortion, Ultralow Noise Op Amp
REV. 0
AD647 AD-AD647 Datasheet
378Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
AD647 AD-AD647_15 Datasheet
385Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
OP07 AD-OP07 Datasheet
448Kb / 10P
   Ultralow Offset Voltage Dual Operational Amplifier
AD707 AD-AD707_15 Datasheet
329Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD707CH AD-AD707CH Datasheet
268Kb / 8P
   Ultralow Drift Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com