Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD627 Datasheet(PDF) 8 Page - Analog Devices

Part # AD627
Description  Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD627_07 Datasheet HTML 4Page - Analog Devices AD627_07 Datasheet HTML 5Page - Analog Devices AD627_07 Datasheet HTML 6Page - Analog Devices AD627_07 Datasheet HTML 7Page - Analog Devices AD627_07 Datasheet HTML 8Page - Analog Devices AD627_07 Datasheet HTML 9Page - Analog Devices AD627_07 Datasheet HTML 10Page - Analog Devices AD627_07 Datasheet HTML 11Page - Analog Devices AD627_07 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD627
Rev. D | Page 8 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
RG 1
–IN
2
+IN
3
–VS 4
RG
8
+VS
7
OUTPUT
6
REF
5
AD627
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead PDIP Pin Configuration
1
2
3
4
8
7
6
5
AD627
TOP VIEW
(Not to Scale)
RG
–IN
+IN
–VS
RG
+VS
OUTPUT
REF
Figure 4. 8-Lead SOIC_N Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RG
External Gain Setting Resistor. Place gain setting resistor across RG pins to set the gain.
2
−IN
Negative Input.
3
+IN
Positive Input.
4
−VS
Negative Voltage Supply Pin.
5
REF
Reference Pin. Drive with low impedance voltage source to level shift the output voltage.
6
OUTPUT
Output Voltage.
7
+VS
Positive Supply Voltage.
8
RG
External Gain Setting Resistor. Place gain setting resistor across RG pins to set the gain.


Similar Part No. - AD627_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6271 AD-AD6271 Datasheet
217Kb / 10P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Rev. prA
AD627A AD-AD627A Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627AN AD-AD627AN Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627ANZ AD-AD627ANZ Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627AR AD-AD627AR Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
More results

Similar Description - AD627_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Analog Devices
AD623 AD-AD623_16 Datasheet
1Mb / 27P
   Single and Dual-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
   Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com