Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8644AR-REEL Datasheet(PDF) 9 Page - Analog Devices

Part # AD8644AR-REEL
Description  Single and Quad 18 V Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8644AR-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8644AR-REEL Datasheet HTML 5Page - Analog Devices AD8644AR-REEL Datasheet HTML 6Page - Analog Devices AD8644AR-REEL Datasheet HTML 7Page - Analog Devices AD8644AR-REEL Datasheet HTML 8Page - Analog Devices AD8644AR-REEL Datasheet HTML 9Page - Analog Devices AD8644AR-REEL Datasheet HTML 10Page - Analog Devices AD8644AR-REEL Datasheet HTML 11Page - Analog Devices AD8644AR-REEL Datasheet HTML 12Page - Analog Devices AD8644AR-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8614/AD8644
Rev. B | Page 9 of 16
THEORY OF OPERATION
The AD8614/AD8644 are processed using Analog Devices high
voltage, extra fast complementary bipolar (HV XFCB) process.
This process includes trench-isolated transistors that lower
parasitic capacitance.
Figure 26 shows a simplified schematic of the AD8614/AD8644.
The input stage is rail-to-rail, consisting of two complementary
differential pairs, one NPN pair and one PNP pair. The input
stage is protected against avalanche breakdown by two back-to-
back diodes. Each input has a 1.5 kΩ resistor that limits input
current during overvoltage events and furnishes phase reversal
protection if the inputs are exceeded. The two differential pairs
are connected to a double-folded cascode. This is the stage in
the amplifier with the most gain. The double-folded cascode
differentially feeds the output stage circuitry. Two complemen-
tary common emitter transistors are used as the output stage.
This allows the output to swing to within 125 mV from each rail
with a 10 mA load. The gain of the output stage, and thus the
open-loop gain of the op amp, depends on the load resistance.
The AD8614/AD8644 have no built-in short-circuit protection.
The short-circuit limit is a function of high current roll-off of
the output stage transistors and the voltage drop over the
resistor shown on the schematic at the output stage. The voltage
over this resistor is clamped to one diode during short-circuit
voltage events.
OUTPUT SHORT-CIRCUIT PROTECTION
To achieve a wide bandwidth and high slew rate, the output of
the AD8614/AD8644 is not short-circuit protected. Shorting
the output directly to ground or to a supply rail can destroy the
device. The typical maximum safe output current is 70 mA.
In applications where some output current protection is needed,
but not at the expense of reduced output voltage headroom, a
low value resistor in series with the output can be used. This is
shown in Figure 25. The resistor is connected within the
feedback loop of the amplifier so that if VOUT is shorted to
ground and VIN swings up to 18 V, the output current does not
exceed 70 mA.
For 18 V single-supply applications, resistors less than 261 Ω are
not recommended.
AD86x4
VIN
261Ω
VOUT
18V
Figure 25. Output Short-Circuit Protection
VCC
+
1.5kΩ
VEE
VOUT
VCC
VCC
1.5kΩ
Figure 26. Simplified Schematic


Similar Part No. - AD8644AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8644AR-REEL AD-AD8644AR-REEL Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
REV. B
AD8644AR-REEL7 AD-AD8644AR-REEL7 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
REV. B
More results

Similar Description - AD8644AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8614 AD-AD8614 Datasheet
303Kb / 8P
   Single and Quad 18 V Operational Amplifiers
REV. 0
AD8644 AD-AD8644_15 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
REV. B
AD8614ARTZ AD-AD8614ARTZ Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
REV. B
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
ON Semiconductor
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com