Selected language     English  ▼


AD827_02 Datasheet(PDF) 2 Page - Analog Devices

Part No. AD827_02
Description  High Speed, Low Power Dual Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 2 page
background image
REV. C
–2–
AD827–SPECIFICATIONS (@ T
A = +25 C, unless otherwise noted.)
AD827J
AD827A/S
Model
Conditions
VS
Min
Typ
Max
Min
Typ
Max
Unit
DC PERFORMANCE
Input Offset Voltage
1
±5 V
0.5
2
0.3
2
mV
TMIN to TMAX
3.5
4
mV
±15 V
4
4
mV
TMIN to TMAX
66
mV
Offset Voltage Drift
±5 V to ±15 V
15
15
µV/°C
Input Bias Current
±5 V to ±15 V
3.3
7
3.3
7
µA
TMIN to TMAX
8.2
9.5
µA
Input Offset Current
±5 V to ±15 V
50
300
50
300
nA
TMIN to TMAX
400
400
nA
Offset Current Drift
±5 V to ±15 V
0.5
0.5
nA/
°C
Common-Mode Rejection Ratio
VCM =
±2.5 V
±5 V
78
95
8095
dB
VCM =
±12 V
±15 V
78
95
8095
dB
TMIN to TMAX
±5 V to ±15 V 75
75dB
Power Supply Rejection Ratio
±5 V to ±15 V 75
86
7586
dB
TMIN to TMAX
72
72
dB
Open-Loop Gain
VO =
±2.5 V
±5 V
RLOAD = 500
2
3.5
2
3.5
V/mV
TMIN to TMAX
11
V/mV
RLOAD = 150
1.6
1.6
V/mV
VOUT =
±10 V
±15 V
RLOAD = 1 k
3
5.5
3
5.5
V/mV
TMIN to TMAX
1.5
1.5
V/mV
MATCHING CHARACTERISTICS
Input Offset Voltage
±5 V
0.4
0.2
mV
Crosstalk
f = 5 MHz
±5 V
85
85
dB
DYNAMIC PERFORMANCE
Unity-Gain Bandwidth
±5 V
35
35
MHz
±15 V
50
50
MHz
Full Power Bandwidth
2
VO = 5 V p-p,
RLOAD = 500
Ω±5 V
12.7
12.7
MHz
VO = 20 V p-p,
RLOAD = 1 k
Ω±15 V
4.7
4.7
MHz
Slew Rate
3
RLOAD = 500
Ω±5 V
200
200
V/
µs
RLOAD = 1 k
Ω±15 V
300
300
V/
µs
Settling Time to 0.1%
AV = –1
–2.5 V to +2.5 V
±5 V
65
65
ns
–5 V to +5 V
±15 V
120
120
ns
Phase Margin
CLOAD = 10 pF
±15 V
RLOAD = 1 k
50
50
Degrees
Differential Gain Error
f = 4.4 MHz
±15 V
0.04
0.04
%
Differential Phase Error
f = 4.4 MHz
±15 V
0.19
0.19
Degrees
Input Voltage Noise
f = 10 kHz
±15 V
15
15
nV/
√Hz
Input Current Noise
f = 10 kHz
±15 V
1.5
1.5
pA/
√Hz
Input Common-Mode
Voltage Range
±5 V
+4.3
+4.3
V
–3.4
–3.4
V
±15 V
+14.3
+14.3
V
–13.4
–13.4
V
Output Voltage Swing
RLOAD = 500
Ω±5 V
3.0
3.6
3.0
3.6
±V
RLOAD = 150
Ω±5 V
2.5
3.0
2.5
3.0
±V
RLOAD = 1 k
Ω±15 V
12
13.3
12
13.3
±V
RLOAD = 500
Ω±15 V
10
12.2
10
12.2
±V
Short-Circuit Current Limit
±5 V to ±15 V
32
32
mA
INPUT CHARACTERISTICS
Input Resistance
300
300
k
Input Capacitance
1.5
1.5
pF




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
HS-1145RH_05Radiation Hardened High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 MoreIntersil Corporation
SFT2907ASFT2907A 60 VOLTS PNP HIGH SPEED LOW POWER TRANSISTOR 1 2 Solid States Devices, Inc
MC33076_1Dual High Output Current Low Power Low Noise Bipolar Operational Amplifier 1 2 3 4 5 MoreON Semiconductor
SGM44600 High Speed Low Voltage Dual DPDT Analog Switch 1 2 3 4 5 MoreShengbang Microelectronics Co, Ltd
SFT501-G5 AMP 200 VOLTS PNP HIGH SPEED POWER TRANSISTOR 1 2 Solid States Devices, Inc
AD8394Low Power High Output Current Quad Op Amp Dual-Channel ADSL/ADSL2+ Line Driver 1 2 Analog Devices
ADC08D500_08High Performance Low Power Dual 8-Bit 500 MSPS A/D Converter Coming SoonNational Semiconductor (TI)
CA3054_05Dual Independent Differential Amp for Low Power Applications from DC to 120MHz 1 2 3 4 5 MoreIntersil Corporation
SFT500210 AMP 150 VOLTS NPN HIGH SPEED POWER TRANSISTOR 1 2 Solid States Devices, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl