Selected language     English  ▼


AD825_04 Datasheet(PDF) 5 Page - Analog Devices

Part No. AD825_04
Description  Low Cost, General-Purpose High Speed JFET Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 5 page
background image
AD825
Rev. F | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation1
Small Outline (R)
See Figure 6
Input Voltage (Common Mode)
±VS
Differential Input Voltage
±VS
Output Short-Circuit Duration
See Figure 6
Storage Temperature Range (R, R-16)
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature Range
(Soldering 10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
1 Specification is for device in free air:
8-lead SOIC package: θJA = 155°C/W
16-lead SOIC package: θJA = 85°C/W
PIN CONFIGURATIONS
NC = NO CONNECT
AD825
TOP VIEW
(Not to Scale)
NC
1
–IN
2
+IN
3
–VS 4
NC
8
+VS
7
OUTPUT
6
NC
5
Figure 4. 8-Lead SOIC
NC
1
NC
2
NC
3
–INPUT
4
+INPUT
5
–VS 6
NC
7
NC
8
NC
10
NC
16
NC
15
NC
14
+VS
13
OUTPUT
12
NC
11
NC
9
AD825
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 5. 16-Lead SOIC
AMBIENT TEMPERATURE (°C)
2.0
1.5
0
–50
90
–40 –30 –20 –10
0
102030
50
607080
40
1.0
0.5
8-LEAD SOIC PACKAGE
TJ = 150°C
2.5
16-LEAD SOIC PACKAGE
Figure 6. Maximum Power Dissipation vs. Temperature
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
AD8132_06Low Cost High Speed Differential Amplifier 1 2 3 4 5 MoreAnalog Devices
ADA4862-3High Speed G = +2 Low Cost Triple Op Amp 1 2 3 4 5 MoreAnalog Devices
LT1102_07High Speed Precision JFET Input Instrumentation Amplifier Fixed Gain = 10 or 100 1 2 3 4 5 MoreLinear Technology
AD8131_05Low Cost High Speed Differential Driver 1 2 3 4 5 MoreAnalog Devices
LT1195_02Low Power High Speed Operational Amplifier 1 2 3 4 5 MoreLinear Technology
RH1056Precision High Speed JFET Input Operational Amplifier 1 2 Linear Technology
AD8682_07Dual/Quad Low Power High Speed JFET Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
AD8021_06Low Noise High Speed Amplifier for 16-Bit Systems 1 2 3 4 5 MoreAnalog Devices
HS-1145RH_05Radiation Hardened High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl