Selected language     English  ▼


AD825_04 Datasheet(PDF) 6 Page - Analog Devices

Part No. AD825_04
Description  Low Cost, General-Purpose High Speed JFET Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 6 page
background image
AD825
Rev. F | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
RL = 150Ω
RL = 1kΩ
SUPPLY VOLTAGE (V)
20
–20
018
2
4
6
8
10
12
14
16
15
0
–5
–10
–15
10
5
Figure 7. Output Voltage Swing vs. Supply Voltage
LOAD RESISTANCE (
Ω)
0
100
15
0
–5
–10
–15
10
5
200
300
400
500
600
700
800
900
1000
VS = ±15V
VS = ±15V
VS = ±5V
Figure 8. Output Voltage Swing vs. Load Resistance
SUPPLY VOLTAGE (±V)
7.0
6.5
5.0
020
FREQUENCY (Hz)
100
1
0.01
100
10M
1k
10k
100k
1M
10
0.1
2
4
6
8
10
12
14
16
18
6.0
5.5
–40°
+25°
+85°
Figure 9. Quiescent Supply Current vs. Supply Voltage
for Various Temperatures
Figure 10. Closed-Loop Output Impedance vs. Frequency
TEMPERATURE (°C)
35
–60
140
–40
–20
0
20
40
80
100
120
30
15
10
5
0
25
20
20
40
60
80
60
BANDWIDTH
PHASE MARGIN
Figure 11. Unity Gain Bandwidth and Phase Margin vs. Temperature
FREQUENCY (Hz)
80
70
0
1k
100M
10k
100k
1M
10M
60
50
10
40
30
20
180
135
90
45
0
VS = ±15V
VS = ±5V
Figure 12. Open-Loop Gain and Phase Margin vs. Frequency




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
AD8132_06Low Cost High Speed Differential Amplifier 1 2 3 4 5 MoreAnalog Devices
ADA4862-3High Speed G = +2 Low Cost Triple Op Amp 1 2 3 4 5 MoreAnalog Devices
LT1102_07High Speed Precision JFET Input Instrumentation Amplifier Fixed Gain = 10 or 100 1 2 3 4 5 MoreLinear Technology
AD8131_05Low Cost High Speed Differential Driver 1 2 3 4 5 MoreAnalog Devices
LT1195_02Low Power High Speed Operational Amplifier 1 2 3 4 5 MoreLinear Technology
RH1056Precision High Speed JFET Input Operational Amplifier 1 2 Linear Technology
AD8682_07Dual/Quad Low Power High Speed JFET Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
AD8021_06Low Noise High Speed Amplifier for 16-Bit Systems 1 2 3 4 5 MoreAnalog Devices
HS-1145RH_05Radiation Hardened High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl