Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


AD8620BR Datasheet(PDF) 1 Page - Analog Devices

Part No. AD8620BR
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 1 page
background image
Precision, Very Low Noise,
Low Input Bias Current, Wide
Bandwidth JFET Operational Amplifier
AD8610/AD8620
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Low noise: 6 nV/√Hz
Low offset voltage: 100 μV maximum
Low input bias current: 10 pA maximum
Fast settling: 600 ns to 0.01%
Low distortion
Unity gain stable
No phase reversal
Dual-supply operation: ±5 V to ±13 V
APPLICATIONS
Photodiode amplifier
ATE
Instrumentation
Sensors and controls
High performance filters
Fast precision integrators
High performance audio
PIN CONFIGURATIONS
NC = NO CONNECT
AD8610
TOP VIEW
(Not to Scale)
NULL 1
–IN
2
+IN
3
V–
4
NC
V+
OUT
NULL
8
7
6
5
Figure 1. AD8610 8-Lead MSOP and SOIC_N
AD8620
TOP VIEW
(Not to Scale)
OUTA 1
–INA 2
+INA 3
V–
4
V+
OUTB
–INB
+INB
8
7
6
5
Figure 2.AD8620 8-Lead SOIC
GENERAL DESCRIPTION
The AD8610/AD8620 are very high precision JFET input ampli-
fiers featuring ultralow offset voltage and drift, very low input
voltage and current noise, very low input bias current, and wide
bandwidth. Unlike many JFET amplifiers, the AD8610/AD8620
input bias current is low over the entire operating temperature
range. The AD8610/AD8620 are stable with capacitive loads of
over 1000 pF in noninverting unity gain; much larger capacitive
loads can be driven easily at higher noise gains. The AD8610/
AD8620 swing to within 1.2 V of the supplies even with a 1 kΩ
load, maximizing dynamic range even with limited supply volt-
ages. Outputs slew at 50 V/μs in either inverting or noninverting
gain configurations, and settle to 0.01% accuracy in less than
600 ns. Combined with high input impedance, great precision
and very high output drive, the AD8610/AD8620 are ideal
amplifiers for driving high performance ADC inputs and
buffering DAC converter outputs.
Applications for the AD8610/AD8620 include electronic instru-
ments; ATE amplification, buffering, and integrator circuits;
CAT/MRI/ultrasound medical instrumentation; instrumentation
quality photodiode amplification; fast precision filters (including
PLL filters); and high quality audio.
The AD8610/AD8620 are fully specified over the extended
industrial (−40°C to +125°C) temperature range. The AD8610
is available in the narrow 8-lead SOIC and the tiny 8-lead MSOP
surface-mount packages. The AD8620 is available in the narrow
8-lead SOIC package. 8-lead MSOP packaged devices are avail-
able only in tape and reel.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD8671_05Precision Very Low Noise Low Input Bias Current Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
OP1177_07Precision Low Noise Low Input Bias Current Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
LMP771788 MHz Precision Low Noise 1.8V CMOS Input Decompensated Operational Amplifier Coming SoonNational Semiconductor (TI)
OP297_03Dual Low Bias Current Precision Operational Amplifier 1 2 3 4 5 MoreAnalog Devices
OP297_06Dual Low Bias Current Precision Operational Amplifier 1 2 3 4 5 MoreAnalog Devices
ADA4000-1Low Cost Precision JFET Input Operational Amplifier in TSOT 1 2 3 4 5 MoreAnalog Devices
OPA376Precision Low Noise Low Quiescent Current Operational Amplifier 1 2 3 4 5 MoreBurr-Brown (TI)
OP27_06Low Noise Precision Operational Amplifier 1 2 3 4 5 MoreAnalog Devices
HA-5221_03100MHz Low Noise Precision Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
LMV7165 MHz Low Noise RRO Dual Operational Amplifier with CMOS Input 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl