Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSK-717 Datasheet(PDF) 4 Page - SYNERGY MICROWAVE CORPORATION

Part # DSK-717
Description  POWER DIVIDERS 0쨘 : 2-WAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DSK-717 Datasheet(HTML) 4 Page - SYNERGY MICROWAVE CORPORATION

  DSK-717 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DSK-717 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION DSK-717 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION DSK-717 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION DSK-717 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
[ 109 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
POWER DIVIDERS
0º : 2-WAY
POWER DIVIDERS
0º : 2-WAY
COAXIAL CONNECTOR
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
PIN-OUT
(See
Below)
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PACKAGE
0.01-100
30/20
27/20
25/20
0.3/0.6 0.3/0.5 0.5/1.0
2.0
2.0
2.0
0.2
0.2
0.2
110
1
DSK-701*
0.25-300
20/15
30/25
25/20
0.4/.75 0.4/.75 0.4/1.0
2.0
3.0
5.0
.15
0.2
0.3
110
1
DSK-7A2B
1-500
25/20
30/23
30/20
0.4/0.6 0.4/0.7 0.5/1.0
2.0
2.0
3.0
0.2
0.2
0.2
110
1
DSK-702*
1-750
30/20
28/20
25/20
0.2/0.5 0.4/0.8 0.8/1.0
2.0
4.0
4.0
.15
.15
0.3
110
1
DSK-7E4*
2-200
35/30
35/30
35/30
0.2/0.5 0.3/0.5 0.4/0.5
1.0
1.0
1.0
0.2
0.2
0.2
110
1
DSK-7M2*
2-1500
25/20
25/20
25/20
0.8/1.3 0.6/1.2 0.5/1.5
2.0
4.0
6.0
0.2
0.2
0.3
110
1
DSK-703*
5-400
40/30
38/30
35/30
0.2/0.4 0.3/0.5 0.4/0.5
2.0
2.0
2.0
0.2
0.2
0.2
110
1
DSK-718*
5-500
35/30
40/30
35/30
0.3/0.5 0.3/0.5 0.4/.65
2.0
2.0
3.0
0.2
0.2
0.2
110
1
DSK-717*
10-1000
30/20
30/20
25/20
0.2/0.5 0.5/1.0 0.9/1.2
2.0
3.0
5.0
.15
.15
0.3
110
1
DSK-712*
10-1000
30/25
33/25
30/25
0.2/0.5 0.4/0.7 0.6/0.8
2.0
2.0
3.0
0.2
0.2
0.25
110
1
DSK-709*
144
Power Rating (All Models) = 1 Watt, max
* Select female connector suffix: "B" = BNC, "S" = SMA, "N" = Type N, "T" = TNC
75 Ohm Model
(UB) - Denotes full bandwidth specification
For pin location and package outline drawings, see back pages.
INPUT
OUTPUT
CASE GROUND
#1
2
1,3
--
#2
1
2,3
--
PIN-OUT TABLE
LB = LF to 10 LF
MB = 10 LF to HF/2
UB = HF/2 to HF
164
110
215
COAXIAL CONNECTOR
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
INSERTION LOSS (dB)
LB
MB
UB
FREQUENCY
RANGE
ISOLATION (dB)
LB
MB
UB
PIN-OUT
(See
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
PACKAGE
5-2000
25/20
25/20
23/15
0.6/0.9 0.9/1.4 1.2/1.8
2.0
3.0
5.0
0.2
0.3
0.4
144
2
DSK-726S
700-900
-/-
-/-
30/24
-/-
-/-
0.3/1.0
-
-
5.0
-
-
0.5
164
2
DSK-724S
800-2200
-/-
-/-
22/20
-/-
-/-
0.4/0.5
-
-
2.0
-
-
0.4
215
2
DSK-729S
800-2400
-/-
-/-
20/18
-/-
-/-
0.6/0.8
-
-
4.0
-
-
0.5
206
2
DSK-H3N
1700-2200
-/-
-/-
20/18
-/-
-/-
0.3/0.4
-
-
3.0
-
-
0.3
220
2
DSK-H1N
220
206


Similar Part No. - DSK-717

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DSK-711S SYNERGY-DSK-711S Datasheet
70Kb / 2P
   POWER DIVIDERS 0쨘 : 4-WAY
DSK-713S SYNERGY-DSK-713S Datasheet
70Kb / 2P
   POWER DIVIDERS 0쨘 : 4-WAY
DSK-714 SYNERGY-DSK-714 Datasheet
35Kb / 1P
   POWER DIVIDERS 0쨘 : 8-WAY
DSK-715 SYNERGY-DSK-715 Datasheet
35Kb / 1P
   POWER DIVIDERS 0쨘 : 8-WAY
DSK-716 SYNERGY-DSK-716 Datasheet
35Kb / 1P
   POWER DIVIDERS 0쨘 : 8-WAY
More results

Similar Description - DSK-717

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DSS-9C1 SYNERGY-DSS-9C1 Datasheet
35Kb / 1P
   POWER DIVIDERS 0쨘 : 8-WAY
DFS-9B1 SYNERGY-DFS-9B1 Datasheet
46Kb / 1P
   POWER DIVIDERS 0쨘 : 6-WAY
SDL-140 SYNERGY-SDL-140 Datasheet
70Kb / 2P
   POWER DIVIDERS 0쨘 : 4-WAY
SDL-135 SYNERGY-SDL-135 Datasheet
47Kb / 2P
   POWER DIVIDERS 0쨘 : 3-WAY
DES-901 SYNERGY-DES-901 Datasheet
31Kb / 1P
   POWER DIVIDERS 0쨘 : 5-WAY
DLP-901 SYNERGY-DLP-901 Datasheet
39Kb / 1P
   POWER DIVIDERS 0쨘 : 12-WAY
DXP-9A2 SYNERGY-DXP-9A2 Datasheet
29Kb / 1P
   POWER DIVIDERS 0쨘 : 10-WAY
logo
M/A-COM Technology Solu...
MAPDCT0029 MA-COM-MAPDCT0029 Datasheet
223Kb / 3P
   2 Way 0쨘 Power Divider
MAPD-010038-C209C0 MA-COM-MAPD-010038-C209C0 Datasheet
190Kb / 4P
   2 Way 0쨘 Power Divider
MAPD-010281-C2W024 MA-COM-MAPD-010281-C2W024_15 Datasheet
155Kb / 4P
   2 Way 0쨘 Power Divider
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com