Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90CF366 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF366
Description  3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF366 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS90CF366_06 Datasheet HTML 1Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 2Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 3Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 4Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 5Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 6Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 7Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RECEIVER SUPPLY CURRENT
(Figures 2, 3, 4 )
f = 65 MHz
43
60
mA
f = 85 MHz
43
70
mA
ICCRZ
Receiver Supply Current
Power Down = Low
140
400
µA
Power Down
Receiver Outputs Stay Low during
Power Down Mode
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VCC = 3.3V and TA = +25C.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground unless otherwise
specified (except VOD and ∆V OD).
Receiver Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
CLHT
CMOS/TTL Low-to-High Transition Time (Figure 4 )
2.0
3.5
ns
CHLT
CMOS/TTL High-to-Low Transition Time (Figure 4 )
1.8
3.5
ns
RSPos0
Receiver Input Strobe Position for Bit 0 (Figure 11,
Figure 12 )
f = 85 MHz
0.49
0.84
1.19
ns
RSPos1
Receiver Input Strobe Position for Bit 1
2.17
2.52
2.87
ns
RSPos2
Receiver Input Strobe Position for Bit 2
3.85
4.20
4.55
ns
RSPos3
Receiver Input Strobe Position for Bit 3
5.53
5.88
6.23
ns
RSPos4
Receiver Input Strobe Position for Bit 4
7.21
7.56
7.91
ns
RSPos5
Receiver Input Strobe Position for Bit 5
8.89
9.24
9.59
ns
RSPos6
Receiver Input Strobe Position for Bit 6
10.57
10.92
11.27
ns
RSKM
RxIN Skew Margin (Note 4) (Figure 13 )
f = 85 MHz
290
ps
RCOP
RxCLK OUT Period (Figure 5)
11.76
T
50
ns
RCOH
RxCLK OUT High Time (Figure 5 )
f = 85 MHz
4.5
5
7
ns
RCOL
RxCLK OUT Low Time (Figure 5)
4.0
5
6.5
ns
RSRC
RxOUT Setup to RxCLK OUT (Figure 5 )
2.0
ns
RHRC
RxOUT Hold to RxCLK OUT (Figure 5 )
3.5
ns
RCCD
RxCLK IN to RxCLK OUT Delay @ 25˚C, V
CC = 3.3V (Figure 6 )
5.5
7.0
9.5
ns
RPLLS
Receiver Phase Lock Loop Set (Figure 7 )
10
ms
RPDD
Receiver Power Down Delay (Figure 10 )
1µs
Note 4: Receiver Skew Margin is defined as the valid data sampling region at the receiver inputs. This margin takes into account the transmitter pulse positions (min
and max) and the receiver input setup and hold time (internal data sampling window - RSPos). This margin allows for LVDS interconnect skew, inter-symbol
interference (both dependent on type/length of cable), and clock jitter (less than 150 ps).
www.national.com
3


Similar Part No. - DS90CF366_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF366MTD NSC-DS90CF366MTD Datasheet
302Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85 MHz
logo
Texas Instruments
DS90CF366MTD/NOPB TI1-DS90CF366MTD/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   DS90CF3x6 3.3-V LVDS Receiver 24-Bit Or 18-Bit Flat Panel Display (FPD) Link, 85 MHz
DS90CF366MTDX/NOPB TI1-DS90CF366MTDX/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   DS90CF3x6 3.3-V LVDS Receiver 24-Bit Or 18-Bit Flat Panel Display (FPD) Link, 85 MHz
DS90CF366 TI1-DS90CF366_16 Datasheet
2Mb / 38P
[Old version datasheet]   DS90CF3x6 3.3-V LVDS Receiver 24-Bit Or 18-Bit Flat Panel Display (FPD) Link, 85 MHz
More results

Similar Description - DS90CF366_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF364A NSC-DS90CF364A_07 Datasheet
439Kb / 18P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65MHz
DS90CF386 NSC-DS90CF386 Datasheet
302Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85 MHz
logo
STMicroelectronics
STLVDS385 STMICROELECTRONICS-STLVDS385 Datasheet
260Kb / 14P
   3.3V PROGRAMMABLE LVDS TRANSMITTER 24-BIT FLAT PANEL DISPLAY (FPD) LINK-85MHZ
logo
National Semiconductor ...
DS90CF384A NSC-DS90CF384A Datasheet
784Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF364A TI1-DS90CF364A_15 Datasheet
1Mb / 22P
[Old version datasheet]   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65MHz
DS90CF384AMTDX TI1-DS90CF384AMTDX Datasheet
1Mb / 19P
[Old version datasheet]   DS90CF384A/DS90CF364A 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link - 65 MHz
DS90C363 TI1-DS90C363_13 Datasheet
1Mb / 19P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
DS90CF384AQ TI1-DS90CF384AQ_15 Datasheet
1Mb / 18P
[Old version datasheet]   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz
logo
National Semiconductor ...
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C363 NSC-DS90C363 Datasheet
285Kb / 16P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com